Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2044 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2044
Description  OPERATING PRINCIPALS FOR PRACTISPIN
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2044 Datasheet(HTML) 6 Page - STMicroelectronics

  AN2044 Datasheet HTML 1Page - STMicroelectronics AN2044 Datasheet HTML 2Page - STMicroelectronics AN2044 Datasheet HTML 3Page - STMicroelectronics AN2044 Datasheet HTML 4Page - STMicroelectronics AN2044 Datasheet HTML 5Page - STMicroelectronics AN2044 Datasheet HTML 6Page - STMicroelectronics AN2044 Datasheet HTML 7Page - STMicroelectronics AN2044 Datasheet HTML 8Page - STMicroelectronics AN2044 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AN2044 APPLICATION NOTE
6/9
Figure 3. Motor Phase Currents vs. Step Number
Table 2 also includes the required states for the six logic inputs of the L6207 Stepper Motor
Driver. In order to understand the details of this typical driver chip some background on the
characteristics of the L6207 are required.
4.3 L6207 DUAL FULL BRIGDE DRIVER
A typical stepper motor driver is the L6207 and we will use this part as an example to illustrate
the operation of the Practispin system. The L6207 includes two independent full or H bridges
with separate control inputs and current limit functions. The two bridges are designated A and
B and their output pins designated as OUT1A, OUT2A, OUT1B, and OUT2B. These outputs
are controlled independently by logic inputs IN1A, IN2A, IN1B, and IN2B respectively. A logic
high or low on any of these inputs will drive its corresponding output to the positive supply rail
or to ground.
Both of the A outputs will be forced to an off (high impedance) state if the ENA pin is taken
logic low, as will the B outputs if ENB is taken low.
The L6207 is thus controlled by six logic inputs: IN1A, IN2A, and ENA controlling bridge A and
IN1B, IN2B, and ENB controlling bridge B. Each bridge also has an analog control signal,
VREFA and VREFB, which control the current limit setting.
4.4 STEP STATE
If we know the state of the stepper motor (a number from 0 to 7) then we can use figure 4 to
tell us what logic levels to apply to the control pins of the L6207. The actual state is determined
by a byte variable of the Practispin program called stepstate. Stepstate is initialized to zero on
power up or whenever the power bridge is disabled. Stepstate is incremented whenever the
driving algorithm requires us to "advance the motor". Since eight commutating steps divides
evenly into the natural 256 count of a byte variable, stepstate is just continually incremented
and allowed to roll over. We only consider the lower three bits to be significant. Now, armed
with the stepstate variable, it is a simple matter to construct a lookup table. We will use step-
state (logically anded with a mask to clear all but the low three bits) as the index into a table
which will provide the data to be written out to the L6207. Table 3 shows the hardware map-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com