| Electronic Components Datasheet Search |
|
AN2044 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2044 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 9 page ![]() 1/9 AN2044 APPLICATION NOTE 1 REQUIREMENTS In operating a stepper motor system one of the most common requirements will be to execute a relative move. The move will usually be specified as a fixed number of basic motor steps in the clockwise or counter-clockwise direction. It is common practice to execute this move along a trapezoidal shaped velocity vs. time profile. This profile is determined by the number of steps to be moved and the required accel, decel, and peak speed. Very often system designers require that a move be made in the shortest time possible and in these cases the accel, decel and peak speed are set to the maximum that the system can achieve. Given the move distance, accel, decel, and peak speed requirement, a profile can be deter- mined. Since the control structure of the practispin software is designed such that the velocity and accel/decel rate can be changed at will, the task of pre-calculating the velocity profile boils down to determining the position values where operation switches from accel to constant speed and then from constant speed to decel. Since this is a relative move, we can assume that motion starts at position = 0, time = 0, and velocity = 0. Figure 1 shows a typical trapezoi- dal velocity vs. time profile Figure 1. Trapezoidal Velocity vs. Time Profile Let: P = total move distance in steps P1 = steps required to accel from 0 to V P2 = steps required to decel from V to 0 V = peak velocity in steps per second (steps/sec) V1 = average velocity during accel or decel OPERATING PRINCIPALS FOR PRACTISPIN STEPPER MOTOR MOTION CONTROL AN2044/0904 Rev. 1 |
Similar Part No. - AN2044 |
|
Similar Description - AN2044 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |