Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2259 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2259
Description  High intensity LED driver using
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2259 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2259 Datasheet HTML 6Page - STMicroelectronics AN2259 Datasheet HTML 7Page - STMicroelectronics AN2259 Datasheet HTML 8Page - STMicroelectronics AN2259 Datasheet HTML 9Page - STMicroelectronics AN2259 Datasheet HTML 10Page - STMicroelectronics AN2259 Datasheet HTML 11Page - STMicroelectronics AN2259 Datasheet HTML 12Page - STMicroelectronics AN2259 Datasheet HTML 13Page - STMicroelectronics AN2259 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
3 CURRENT FEEDBACK LOOP
AN2259
10/38
For an output current of 700mA the value of Rs would be 0.34
Ω. If R1 and R2 are small
enough, the effect of the bias current can be ignored.
On the evaluation board, the value of Rs is selected by jumpers J2 and J4. When both J2 and
J4 are open, the output current is set to 350mA. Inserting each jumper connects a 0.68
Ω
resistor in parallel with the 0.68
Ω Rs. With J2 shorted, the output current will be set to 700mA
and the output current becomes 1A with both J2 and J4 shorted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com