Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2259 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2259
Description  High intensity LED driver using
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2259 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2259 Datasheet HTML 25Page - STMicroelectronics AN2259 Datasheet HTML 26Page - STMicroelectronics AN2259 Datasheet HTML 27Page - STMicroelectronics AN2259 Datasheet HTML 28Page - STMicroelectronics AN2259 Datasheet HTML 29Page - STMicroelectronics AN2259 Datasheet HTML 30Page - STMicroelectronics AN2259 Datasheet HTML 31Page - STMicroelectronics AN2259 Datasheet HTML 32Page - STMicroelectronics AN2259 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
AN2259
6 REFERENCE DESIGN VERSIONS
29/38
Table 8.
6 to 12Vdc Input 5W LED Driver Bill of Materials
Qty
Reference
Part
Description
Mfg P/N
Mfg
Geometry
Mtg
1C1
100uF/50V
Electrolytic
EEU-
FC1H101
Panasonic
Radial D8mm
TH
1C2
220pF/50V
Ceramic
805
SMD
2C3, C4
22nF/50V
Ceramic
805
SMD
1C5
4.7nF/50V
Ceramic
805
SMD
2D2, D6
Schottky Diode
2A/40V
STPS2L40U
STMicroelectronics
SMB
SMD
1D7
Jumper at D7
position
SMD
1
L1
68uH Inductor
DO3316P-683
Coilcraft
9.4mmx12.95mm SMD
1
Q1
PNP Transistor
MMBT3906
STMicroelectronics
SOT-23
SMD
1
Rs
0.24 Ohm 1%
CRL2010-FW-
R240E
Bourns
2010
SMD
1
R1
2.74k 1%
0805
SMD
1
R2
1.30k 1%
0805
SMD
1
R3
4.7k 5%
0805
SMD
1
R4
240k 5%
0805
SMD
1U1
Step-down
controller
L5973D
STMicroelectronics
SO8
SMD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com