Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2331 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2331
Description  This note describes the performances
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2331 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2331 Datasheet HTML 6Page - STMicroelectronics AN2331 Datasheet HTML 7Page - STMicroelectronics AN2331 Datasheet HTML 8Page - STMicroelectronics AN2331 Datasheet HTML 9Page - STMicroelectronics AN2331 Datasheet HTML 10Page - STMicroelectronics AN2331 Datasheet HTML 11Page - STMicroelectronics AN2331 Datasheet HTML 12Page - STMicroelectronics AN2331 Datasheet HTML 13Page - STMicroelectronics AN2331 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Circuit description and test results
AN2331
10/24
The resonant stage is also equipped against over voltage or loop disconnections. In fact, the
zener diode D8 detects the auxiliary voltage and in case of over voltage the latched enable
pin of the L6598 will be activated and it will stop the operations. In this case the L6563 will
not be latched but will remain active.
2.5
Start-up sequence
Figure 4.
Start-up @90Vac - full load
Figure 4 shows the waveforms during the start at 90Vac and full load. It is possible to note
the sequence of the two stages: at power-on the L6563 Vcc increase up to the turn-on
threshold and the PFC output voltage increases from the mains rectified voltage to its
nominal value, with a small overshoot. In the meantime, the L6598 Vs capacitor (C26) is
charged by the L6563 Vcc and, as soon as it reaches the L6598 turn-on threshold, the
resonant starts to operate. Hence the output voltage rises according to the soft-start and
reaches the nominal level.
This sequence provides for the advantages of a perfect sequencing of the circuit at start-up
with the PFC acting as master and avoids complex additional circuitry for the correct start-
up of the circuit in all conditions. The circuit has been tested in all line and load conditions
showing a correct start-up sequence.
CH1: +400V PFC Output voltage
CH2: L6563 - VPIN14(Vcc voltage)
CH3: L6598 VPIN12(Vcc voltage)
CH4: +24V Output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com