Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2331 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2331
Description  This note describes the performances
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2331 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2331 Datasheet HTML 16Page - STMicroelectronics AN2331 Datasheet HTML 17Page - STMicroelectronics AN2331 Datasheet HTML 18Page - STMicroelectronics AN2331 Datasheet HTML 19Page - STMicroelectronics AN2331 Datasheet HTML 20Page - STMicroelectronics AN2331 Datasheet HTML 21Page - STMicroelectronics AN2331 Datasheet HTML 22Page - STMicroelectronics AN2331 Datasheet HTML 23Page - STMicroelectronics AN2331 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Resonant trafo specification
AN2331
22/24
7.2
Mechanical aspect and Pin numbering
●
Maximum height from PCB: 22 mm
●
Coil former type: horizontal, 7+7 pins (pins 1 and 7 are removed)
●
Pin distance: 5 mm
●
Row distance: 30 mm
Figure 15.
Pin lay-out, top view
1
7
14
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com