Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2359 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2359
Description  Double output Buck-Boost converter with VIPerX2A
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2359 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2359 Datasheet HTML 2Page - STMicroelectronics AN2359 Datasheet HTML 3Page - STMicroelectronics AN2359 Datasheet HTML 4Page - STMicroelectronics AN2359 Datasheet HTML 5Page - STMicroelectronics AN2359 Datasheet HTML 6Page - STMicroelectronics AN2359 Datasheet HTML 7Page - STMicroelectronics AN2359 Datasheet HTML 8Page - STMicroelectronics AN2359 Datasheet HTML 9Page - STMicroelectronics AN2359 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Application example nº 1
AN2359
6/18
Instead, the -12V/-5V solution can be used all those times where it is not possible to change
the auxiliary supply voltage.
3
Application example nº 1
The first application example is a 3.3W double output Buck-Boost converter. The
specifications are listed in Table 2.
The schematic of the circuit is shown in Figure 1. and the component list is shown in Table 3.
The input voltage can range from 88VAC to 265VAC. The input section consists in a resistor
as a fuse, a single input rectifier diode and an input C-L-C filter. Such a filter provides both
DC voltage stabilization and EMI filtering. The CSN-RSN leg across D1 helps the further
reducing of the conducted emissions.
The regulation feedback is connected to VOUT2 by means of the PNP transistor Q1 and
zener diode DZ2, in order to provide an output voltage with tight regulation range (the output
precision depends on DZ2 tolerance). VOUT1 is obtained thanks to the turns ratio of the
transformer.
The output inductor is wound in a TDK drum ferrite core (SRW0913 type), with an
intermediate tap for VOUT2. The specifications are the following:
●
L1-3 = 420µH;
●
N1-2 = 70 turns;
●
N2-3 = 62 turns.
Optional bleeder resistors, Rb1 and Rb2, can be connected to the outputs in order to improve
the regulation.
In particular, Rb1 has to be chosen in order to avoid the overvoltage on VOUT1 when VOUT2
is full loaded and VOUT1 is in no load condition.
Table 2.
SMPS specifications
Specification
Value
Input voltage range, VIN
88 - 265VAC
Output voltage VOUT1
-12V
Output voltage VOUT2
-5V
Maximum output current IOUT1
150mA
Maximum output current IOUT2
300mA
Maximum output power
3.3W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com