Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2359 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2359
Description  Double output Buck-Boost converter with VIPerX2A
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2359 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2359 Datasheet HTML 1Page - STMicroelectronics AN2359 Datasheet HTML 2Page - STMicroelectronics AN2359 Datasheet HTML 3Page - STMicroelectronics AN2359 Datasheet HTML 4Page - STMicroelectronics AN2359 Datasheet HTML 5Page - STMicroelectronics AN2359 Datasheet HTML 6Page - STMicroelectronics AN2359 Datasheet HTML 7Page - STMicroelectronics AN2359 Datasheet HTML 8Page - STMicroelectronics AN2359 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
December 2006
Rev 1
1/18
AN2359
Application note
Double output Buck-Boost converter with VIPerX2A
Introduction
This paper introduces two off-line non-insulated SMPS double outputs in Buck–Boost
configuration based on VIPerX2A family The power supplies are operated in wide input
voltage range, i.e. 88 to 265VAC. They can supply small loads, such as a microcontroller,
triacs, display and peripherals in the industrial segment and home appliance. In the
applications where a double output is required, two different solutions can be used. The first
one regards an insulated converter topology, with second output generated by means of
one winding on the magnetic core of the inductor with a proper turns ratio. Nevertheless,
this solution is expensive in terms of transformer and can be used for medium and high
current or insulated applications. For low power and low cost applications, a non-insulated
converter topology can be used. The proposed topology, based on Buck-Boost converter, is
used to supply negative output voltage referred to neutral in all those applications where the
galvanic insulation is not required. The principle schematic is shown in figure below.
Proposed double output Buck-Boost topology
VOUT1 is provided using the classic Buck-Boost configurations, while VOUT2 is obtained
thanks to an intermediate tap on the inductor.
Compared to other already proposed solutions, the second output is obtained thanks to an
intermediate tap on a low cost inductor. This configuration limits the parasitic capacitive
effect between the two winding and improves the regulation at open load.
Further advantage is related to the regulation feedback connected on VOUT2. Thanks to this
regulation, it is possible to cover those applications where a low tolerance and low voltage is
required (i.e. a microcontroller) and a high tolerance and high voltage is required for the
auxiliary circuit (drivers, relays…).
www.st.com


Similar Part No. - AN2359

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN235 STMICROELECTRONICS-AN235 Datasheet
1Mb / 23P
Stepper motor driving
14-Nov-2012
logo
Silicon Laboratories
AN235 SILABS-AN235 Datasheet
999Kb / 2P
EVALUATION BOARD QUICK-START GUIDE
logo
STMicroelectronics
AN2350 STMICROELECTRONICS-AN2350 Datasheet
901Kb / 41P
Guidelines for the control of a multiaxial planar robot with ST10F276
30-Nov-2006
logo
Infineon Technologies A...
AN235196 INFINEON-AN235196 Datasheet
303Kb / 11P
Provisioning OPTIGA™ Trust Charge for WLC transmitters
Rev. 2022-05-02
logo
STMicroelectronics
AN2352 STMICROELECTRONICS-AN2352 Datasheet
188Kb / 20P
PLL jitter effects on C-CAN modules of the ST10F27x
24-Sep-2013
More results

Similar Description - AN2359

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5073 MAXIM-MAX5073 Datasheet
473Kb / 25P
2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
Rev 2; 2/06
MAX5072 MAXIM-MAX5072 Datasheet
1Mb / 27P
2.2MHz, Dual-Output Buck or Boost Converter with POR and Power-Fail Output
Rev 2; 2/06
logo
Linear Technology
LTC3114-1 LINER-LTC3114-1_15 Datasheet
356Kb / 34P
40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
logo
Texas Instruments
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
Buck-Boost Converter
logo
Active-Semi, Inc
ACT510X ACTIVE-SEMI-ACT510X Datasheet
578Kb / 37P
23V Buck-Boost Converter with Integrated MOSFETs
Rev 1.0, 24-Apr-2018
logo
Linear Technology
LTC3114EDHC-1 LINER-LTC3114EDHC-1 Datasheet
477Kb / 6P
40V, 1A Synchronous Buck-Boost DC/DC Converter with Output Current Limit
logo
Analog Devices
LTC3114-1 AD-LTC3114-1 Datasheet
1Mb / 34P
40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
05/20-REV.D
logo
Allegro MicroSystems
A81407 ALLEGRO-A81407 Datasheet
3Mb / 58P
Multi-Output Regulator with Buck or Buck-Boost Pre-Regulator
logo
Maxim Integrated Produc...
MAX5072 MAXIM-MAX5072_V01 Datasheet
2Mb / 30P
2.2MHz, Dual-Output Buck or Boost Converter with POR and Power-Fail Output
2019
MAX5073 MAXIM-MAX5073_V01 Datasheet
869Kb / 24P
2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com