Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2600 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2600
Description  SMPS for high-end PVR based on L6668
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2600 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2600 Datasheet HTML 18Page - STMicroelectronics AN2600 Datasheet HTML 19Page - STMicroelectronics AN2600 Datasheet HTML 20Page - STMicroelectronics AN2600 Datasheet HTML 21Page - STMicroelectronics AN2600 Datasheet HTML 22Page - STMicroelectronics AN2600 Datasheet HTML 23Page - STMicroelectronics AN2600 Datasheet HTML 24Page - STMicroelectronics AN2600 Datasheet HTML 25Page - STMicroelectronics AN2600 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Test description
AN2600
22/30
Figure 15.
Outputs behavior under dynamic load on 3.3 V output at Vin =230 V
Varying the load on 5 V output, the following results have been obtained:
Table 16.
Dynamic load test on 3.3 Vout
Outputs
Load condition
+5 V, +12 V, +16 V, +23 V, +33 V, -25 V
Full load
+3.3 V
Load 50%
÷ 90%
Table 17.
Dynamic load test on 5 Vout
Outputs
Load condition
+3.3 V, +12 V, +16 V, +23 V, +33 V, -25 V
Full load
+5 V
Load 50%
÷ 90%
CH2: +3V3 Iout (blue)
CH4: +3V3 Vout (green)
CH1: +23 Vout (brown)
CH2: +16 Vout (blue)
CH4: +5 Vout (green)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com