Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2600 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2600
Description  SMPS for high-end PVR based on L6668
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2600 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2600 Datasheet HTML 22Page - STMicroelectronics AN2600 Datasheet HTML 23Page - STMicroelectronics AN2600 Datasheet HTML 24Page - STMicroelectronics AN2600 Datasheet HTML 25Page - STMicroelectronics AN2600 Datasheet HTML 26Page - STMicroelectronics AN2600 Datasheet HTML 27Page - STMicroelectronics AN2600 Datasheet HTML 28Page - STMicroelectronics AN2600 Datasheet HTML 29Page - STMicroelectronics AN2600 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Test description
AN2600
28/30
As the coupling between the 3.3 V and the auxiliary windings is poor, to help the SMPS to
enter hiccup mode in case of 3.3 V output shorted, the circuitry based on Q10 and Q11 has
been added.
3.8
Conducted emission (EMI) measurements
Conducted emissions measurements at full load and nominal mains voltage have been
performed, using a 50
Ω LISN and a spectrum analyzer with peak detector as shown in
Figure 24 and 25. The emissions are below the limits given by the EN55022 standard for
CLASS B equipment. As the margin between the limits and emission is acceptable, the
power supply is ready for the final compliance test.
3.9
Thermal measurements
In order to check the reliability of the design, thermal measurements using a thermocouple
have been performed.Table 19 and Table 20 list the thermal measurements at nominal input
voltage at ambient temperature (25 °C) for the most critical components under full load.
Figure 24.
Conducted emissions of the
system at full load and Vin=230 V -
phase conducted emission
Figure 25.
Conducted emissions of the
system at full load and Vin=230 V -
neutral conducted emission
02:30:30 Nov 14, 2006
Ref 75 dB
µV#Atten 10 dB
Peak
Log
10
dB/
W1 S2
S3 FC
AA
Start 150 kHz
Res BW 9 kHz
VBW 30 kHz
Stop 30 MHz
Sweep 881.3 ms (1515 pts)
02:31:12 Nov 14, 2006
Ref 75 dB
µV#Atten 10 dB
Peak
Log
10
dB/
W1 S2
S3 FC
AA
Start 150 kHz
Res BW 9 kHz
VBW 30 kHz
Stop 30 MHz
Sweep 881.3 ms (1515 pts)
Table 19.
Thermal behavior of the components at primary side
STP5NK60ZFP
case (°C)
STP5NK60ZFP
heatsink (°C)
Trafo core (°C)
Trafo
windings (°C)
Snubber resistor
(°C)
After 30 min
6657435060
After 1 hour
7263495065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com