Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2649 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2649
Description  The electrical and thermal performances of switching converters are strongly
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2649 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2649 Datasheet HTML 12Page - STMicroelectronics AN2649 Datasheet HTML 13Page - STMicroelectronics AN2649 Datasheet HTML 14Page - STMicroelectronics AN2649 Datasheet HTML 15Page - STMicroelectronics AN2649 Datasheet HTML 16Page - STMicroelectronics AN2649 Datasheet HTML 17Page - STMicroelectronics AN2649 Datasheet HTML 18Page - STMicroelectronics AN2649 Datasheet HTML 19Page - STMicroelectronics AN2649 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Booster diode
AN2649
16/20
diode decrease (the current in the boost diode decreases) while the switching losses in SiC
diode are always negligible. Furthermore as the current diode decreases also, the losses
due to the diode in the MOSFET decrease.
Figure 26.
Efficiency curve comparison
The difference in terms of efficiency is also evident if we consider the thermal behavior of
power devices. In Figure 27 we can observe the thermal maps for the MOSFET and Sic
diode compared with the same MOSFET and Silicon diode in the worst case in terms of
losses (Vin = 88 Vac). We note that the MOSFET and diode are compared using the same
heatsinks.
The difference in terms of temperature is 15 °C for the MOSFET and 20 °C for the diode.
This is an important result for reliability as well as in terms of efficiency of the system.
These results allow using a smaller heatsink, saving cost and space.
Figure 27.
Thermal maps comparison -
Si diode
Figure 28.
Thermal maps comparison -
SiC diode
Si diode
Tcase=65 °C
MOSFET
Tcase=79 °C
SiC diode
Tcase=45 °C
MOSFET
Tcase=65 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com