Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2654 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2654
Description  CCFL backlight half-bridge topology based on L6574 and STD7NS20
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2654 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2654 Datasheet HTML 9Page - STMicroelectronics AN2654 Datasheet HTML 10Page - STMicroelectronics AN2654 Datasheet HTML 11Page - STMicroelectronics AN2654 Datasheet HTML 12Page - STMicroelectronics AN2654 Datasheet HTML 13Page - STMicroelectronics AN2654 Datasheet HTML 14Page - STMicroelectronics AN2654 Datasheet HTML 15Page - STMicroelectronics AN2654 Datasheet HTML 16Page - STMicroelectronics AN2654 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
AN2654
Electrical function of the design
13/26
while keeping the low side on, until the Cf pin goes back to normal again. In this way, the
external PWM signal is able to control the on time of the lamp current.
Figure 14.
Digital dimming control circuit
When the oscillator is in the off state, the low side MOSFET (Q2) is always conducting due
to the IC internal logic. This creates a path for the resonance between the DC blocking
capacitor and the transformer primary leakage inductance, which introduces some
undesirable noise in the lamp off state. For this reason another transistor Q5 has been
deployed to pull down the gate junction (DDim2) of the low side MOSFET at off state, too.
The resistor R30 and R32 are used to limit the discharging current.
As soon as the external PWM signal becomes low, the Cf is charged again and oscillation
resumes. Normally an overshoot can be seen on the lamp current, which gives more stress
to the lamp and the MOSFET. The L6574 handles this very well by connecting the PWM
signal to the feedback pin (FB) through a resistor, and the error amplifier is compensated
during off state. In this case, when the oscillation starts again, it begins from high frequency
down, producing a lamp current waveform somewhat like a soft-start.
Figure 15.
Vgs of low-side MOSFET
Figure 16.
Vcom waveform in digital dimming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com