Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2654 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2654
Description  CCFL backlight half-bridge topology based on L6574 and STD7NS20
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2654 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2654 Datasheet HTML 1Page - STMicroelectronics AN2654 Datasheet HTML 2Page - STMicroelectronics AN2654 Datasheet HTML 3Page - STMicroelectronics AN2654 Datasheet HTML 4Page - STMicroelectronics AN2654 Datasheet HTML 5Page - STMicroelectronics AN2654 Datasheet HTML 6Page - STMicroelectronics AN2654 Datasheet HTML 7Page - STMicroelectronics AN2654 Datasheet HTML 8Page - STMicroelectronics AN2654 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
AN2654
Board description
5/26
Figure 4.
PCB bottom-side view
1.2
Schematic
This CCFL backlighting solution is designed for 17" LCD monitors. This development design
board is able to drive 4 tubes of CCFL. During normal conditions, the L6574 provides a
current loop that is controlled by varying the switching frequency. The input DC bus voltage
has been lifted to 110 V. This reference design provides an open lamp protection,
overvoltage protection, soft-start time setting, and analog and digital dimming functions.
Figure 5 shows the application schematic and Table 2 gives the bill of materials.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com