Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2679 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2679
Description  Smart inductive proximity switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2679 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2679 Datasheet HTML 2Page - STMicroelectronics AN2679 Datasheet HTML 3Page - STMicroelectronics AN2679 Datasheet HTML 4Page - STMicroelectronics AN2679 Datasheet HTML 5Page - STMicroelectronics AN2679 Datasheet HTML 6Page - STMicroelectronics AN2679 Datasheet HTML 7Page - STMicroelectronics AN2679 Datasheet HTML 8Page - STMicroelectronics AN2679 Datasheet HTML 9Page - STMicroelectronics AN2679 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Sensor circuit description
AN2679
6/16
2
Sensor circuit description
The sensor HF oscillator circuit is based on the Colpitts oscillator type which has a simple
circuit configuration, produces a very clean sinusoidal wave signal and is capable of
oscillating in a wide frequency range. The resonant circuit consisting from the inductor L1
and capacitors C12, C9 and C8 determine the frequency of the oscillations according to the
formula in Equation 1. Actually the circuit will oscillate at a slightly lower frequency due to
coupling capacitor C10, junction capacitances of transistor Q1 and other stray capacitances.
Equation 1
The oscillator employs a transistor, Q1, operating in a common base configuration that
derives its feedback from the capacitor divider C9 andC8. Resistors R3 and R6 set its bias
point and the temperature of diode D2 stabilizes it.
The oscillator signal amplitude is further detected by diodes D4 and D5, and filtered by
capacitor C13. Together with C10 this circuit acts as a charge pump, thus the full range of
the ST7 ADC converter (0 V - 5 V) is used.
The other function of diode D2 is temperature sensing. The voltage across a diode operated
at constant current is linear in a very large range of temperature and reduces with
increasing temperature by approximately -2 mV/ k (see Figure 9). With the ST7 10-bit ADC
converter, the temperature can be measured with an accuracy of approximately 2.5 °C
which is enough for overall correction of the sensor temperature variations (see Figure 8).
2.1
Initial configuration and jumper settings
Table 1 and Figure 3 represent the initial (high side) output driver configuration and jumper
settings. The diagnostic LED D3 shares the MCU pin 2 with the ICC connector. In case of
programming/debugging problems, it can be disconnected by removing the jumper from
pins P14 and P15.
f
1
L
1
C
12
C
8
C
9
C
8
C
9
+
----------------------
+
⎝⎠
⎜⎟
⎛⎞
2
π
--------------------------------------------------------------
=
Table 1.
Initial configuration and jumper settings
Pins
Setting
P10 - P11
A - HS
P4 - P5
LED - C
P3 - P7
+Vs - LS
P14 - P15
+5V - A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com