Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2679 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2679
Description  Smart inductive proximity switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2679 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2679 Datasheet HTML 1Page - STMicroelectronics AN2679 Datasheet HTML 2Page - STMicroelectronics AN2679 Datasheet HTML 3Page - STMicroelectronics AN2679 Datasheet HTML 4Page - STMicroelectronics AN2679 Datasheet HTML 5Page - STMicroelectronics AN2679 Datasheet HTML 6Page - STMicroelectronics AN2679 Datasheet HTML 7Page - STMicroelectronics AN2679 Datasheet HTML 8Page - STMicroelectronics AN2679 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
July 2008
Rev 1
1/16
AN2679
Application note
Smart inductive proximity switch
Introduction
The STEVAL-IFS006V1 inductive proximity switch demonstration board is designed based
on the principle of metal body detection using the eddy current effect on the HF losses of a
coil. It consists of a single transistor HF oscillator, an ST7LITEUS5 microcontroller and the
TDE1708DFT intelligent power switch. The board is a compact and cost-effective solution
for an inductive proximity sensor designed for simplicity and for a wide temperature range
and supply voltage variations. Other board features include:
■ Great flexibility: the MCU firmware can be modified depending on application
requirements
■ Sensitivity and hysteresis adjustment
■ In-circuit programming and debugging capabilities
■ Analog and digital temperature compensation
■ PNP and NPN sensor functionality configurations
■ Indicator status LED
■ Overload and short-circuit protection
■ GND and Vs open wire protection
■ Compact design
■ Supply voltage: 6 V to 48 VDC
■ Temperature range: -25 °C to +85 °C
Figure 1.
Smart inductive proximity switch demonstration board
www.st.com


Similar Part No. - AN2679

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2674 STMICROELECTRONICS-AN2674 Datasheet
549Kb / 22P
PCB layout guidelines for SPEAr3xx
03-May-2010
AN2675 STMICROELECTRONICS-AN2675 Datasheet
257Kb / 24P
STR91xFA in-application programming
04-Feb-2008
AN2678 STMICROELECTRONICS-AN2678 Datasheet
220Kb / 16P
Extremely accurate timekeeping over
26-Nov-2008
More results

Similar Description - AN2679

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFS006V2 STMICROELECTRONICS-STEVAL-IFS006V2 Datasheet
95Kb / 4P
Smart inductive proximity switch with the SPT01-335DEE
04-Nov-2009
AN2863 STMICROELECTRONICS-AN2863 Datasheet
205Kb / 13P
Smart inductive proximity switch with SPT01-335DEE
10-Feb-2010
logo
Baumer IVO GmbH & Co. K...
IFRM-03N1505-CS35L IVO-IFRM-03N1505-CS35L Datasheet
77Kb / 1P
Inductive proximity switch
IFRM-03P1713-L IVO-IFRM-03P1713-L Datasheet
76Kb / 1P
Inductive proximity switch
IFRM-04N15A1-KS35PL IVO-IFRM-04N15A1-KS35PL Datasheet
76Kb / 1P
Inductive proximity switch
IFRM-04N17A1-S35L IVO-IFRM-04N17A1-S35L Datasheet
75Kb / 1P
Inductive proximity switch
IFRM-04N17A1-PL IVO-IFRM-04N17A1-PL Datasheet
71Kb / 1P
Inductive proximity switch
IFRM-04N17A3-S35L IVO-IFRM-04N17A3-S35L Datasheet
74Kb / 1P
Inductive proximity switch
IFRM-04N35A3-S05L IVO-IFRM-04N35A3-S05L Datasheet
74Kb / 1P
Inductive proximity switch
IFRM-04N35B1-KS35PL IVO-IFRM-04N35B1-KS35PL Datasheet
77Kb / 1P
Inductive proximity switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com