Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2680 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2680
Description  Fan speed controller based on STDS75 or STLM75 digital
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2680 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2680 Datasheet HTML 6Page - STMicroelectronics AN2680 Datasheet HTML 7Page - STMicroelectronics AN2680 Datasheet HTML 8Page - STMicroelectronics AN2680 Datasheet HTML 9Page - STMicroelectronics AN2680 Datasheet HTML 10Page - STMicroelectronics AN2680 Datasheet HTML 11Page - STMicroelectronics AN2680 Datasheet HTML 12Page - STMicroelectronics AN2680 Datasheet HTML 13Page - STMicroelectronics AN2680 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Software flow
AN2680
10/15
0 to 100% as the measured temperature increases from Tos to Tmax. Tmax is the value of the
temperature set through the firmware at which the fan runs at maximum speed.
Thus to control the duty cycle of the PWM signal a linear relationship is established between
the measured temperature and the duty cycle of PWM. As the measured temperature ramps
up, the duty cycle is also moved towards 100%.
The linear relationship with temperature is controlled by the following conditions:
●
Temperature < threshold value; duty cycle is made 0% and thus fan is OFF.
●
Threshold value <Temperature < Tmax value; duty cycle is ramped linearly towards
100%, thus fan runs at variable speed.
●
Temperature> Tmax value; duty cycle is made 100%, thus fan runs at maximum speed.
The duty cycle is handled by writing in the registers of the PWM peripheral of the
microcontroller.
Figure 5.
Software flow diagram for alarm control
Power up the system
Initialize the I
2C
communication
Configure the Temperature
Sensor Device
Alarm LED
ON
Measure the temperature
(T)
Measure the temperature
(T)
Alarm LED
OFF
YES
NO
YES
NO
Is Alarm
LED ON?
YES
NO
Is
T >= Tos?
Is
T <= Thys?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com