Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2680 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2680
Description  Fan speed controller based on STDS75 or STLM75 digital
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2680 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2680 Datasheet HTML 1Page - STMicroelectronics AN2680 Datasheet HTML 2Page - STMicroelectronics AN2680 Datasheet HTML 3Page - STMicroelectronics AN2680 Datasheet HTML 4Page - STMicroelectronics AN2680 Datasheet HTML 5Page - STMicroelectronics AN2680 Datasheet HTML 6Page - STMicroelectronics AN2680 Datasheet HTML 7Page - STMicroelectronics AN2680 Datasheet HTML 8Page - STMicroelectronics AN2680 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Digital temperature sensor
AN2680
4/15
1.2
Interfacing of sensor with the microcontroller
The sensor supports the I2C communication protocol. It has 3 configurable address lines,
thus can support up to 8 different addresses. All 3 address lines are grounded in the present
application and hence the address of sensor is made 0x90.
The sensor is connected to the microcontroller through 2 communication lines of I2C
interface (SDA and SCL).
1.3
Configuring the sensor
The sensor has 3 internal registers which are used to configure its behavior:
1.
Configuration register: Tconfig (8-bit)
2.
Oversaturation register: Tos (16-bit)
3.
Hysteresis register: Thys (16-bit)
Based on the value configured in the configuration register the behavior of sensor is
achieved. In our application these settings are made as 0x40. This setting configures the
mode of operation of the sensor and the nature of the output alarm signal. For details,
please refer to the STDS75 datasheet.
The value set in the oversaturation register defines the threshold value at which fan starts. In
our application the fan starts as the temperature rises above 29 degrees Celsius. Thus the
setting for this register is made as 0x1D00. Also as the temperature rises above this
oversaturation value the alarm signal turns ON. This alarm is shown as an LED in the
system.
A setting in the hysteresis register is used to control the output of the alarm output signal of
sensor. It is set at 27 degrees Celsius in our application which means that as the
temperature falls below 27 degrees Celsius the alarm goes OFF. Thus the settings for this
register are made 0x1B00.
1.4
Alarm signal behavior
The alarm signal of the sensor is configured to go ON when the measured temperature
exceeds 29 degrees Celsius and goes OFF when the temperature falls below 27 degrees
Celsius.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com