Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2683 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2683
Description  Compact dual output point of load converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2683 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2683 Datasheet HTML 6Page - STMicroelectronics AN2683 Datasheet HTML 7Page - STMicroelectronics AN2683 Datasheet HTML 8Page - STMicroelectronics AN2683 Datasheet HTML 9Page - STMicroelectronics AN2683 Datasheet HTML 10Page - STMicroelectronics AN2683 Datasheet HTML 11Page - STMicroelectronics AN2683 Datasheet HTML 12Page - STMicroelectronics AN2683 Datasheet HTML 13Page - STMicroelectronics AN2683 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Circuit description
AN2683
10/38
for output 1:
Equation 9
for output 2:
Equation 10
These values conform to the specification. They are higher in a practical circuit because of
parasitic inductance and loop resistance. Good circuit board layout techniques are
essential. Additionally, because of the constant on-time control, the system regulates the
output voltage by the valley value of the ripple voltage. A minimum amount of ripple voltage
of 30 mV should be on the comp pin to accomplish this. Since the calculated ripple voltage
is much lower than this, an additional circuit called the virtual ESR network is incorporated
to provide the additional voltage. Before addressing this design, the current limit resistor
values will be established. In this design the RDS(on) of the lower MOSFETS is used to
implement the current limit. For output 1 with its relatively low output current the MOSFET
chosen was the STS8DNF3LL with a nominal RDS(on) of 18 mΩ. This particular part is a
dual, that is two MOSFETs are contained in the same SO-8 package realizing further circuit
board space savings. The current limit is a valley type that operates during the conduction of
the low side MOSFET. A 100
µA internal current generator connected to the Csense pin
along with a resistor establishes a voltage to which the voltage generated by the RDS(on) is
compared. If the RDS(on) voltage is greater, then the voltage at the Csense pin the generation
of a new conduction cycle is inhibited. The value of Rcsense is determined by:
Equation 11:
The 18 m
Ω value for RDS(on) is a nominal 25 °C number. As current is switched through the
device and the ambient is raised, the RDS(on) increases. An increase of approximately
140% is used. Targeting the maximum output current (Ioutmax) at 3.375 A and having a Ir of
0.750 A the valley current value is:
0.75A
2m
Ω 1.5mV
=
⋅
3.15A
545
µΩ 1.9mV
=
⋅
Rc
sense
R
DS on
()
I
valley
⋅
100
µA
------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com