Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2683 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2683
Description  Compact dual output point of load converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2683 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2683 Datasheet HTML 17Page - STMicroelectronics AN2683 Datasheet HTML 18Page - STMicroelectronics AN2683 Datasheet HTML 19Page - STMicroelectronics AN2683 Datasheet HTML 20Page - STMicroelectronics AN2683 Datasheet HTML 21Page - STMicroelectronics AN2683 Datasheet HTML 22Page - STMicroelectronics AN2683 Datasheet HTML 23Page - STMicroelectronics AN2683 Datasheet HTML 24Page - STMicroelectronics AN2683 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
AN2683
Construction
21/38
3
Construction
With the components dimensioned the construction of the circuit board can be considered.
With this type of high frequency converter separate power and signal grounds are a must.
Additionally, the small board area necessitated component placement on both sides and the
use of additional layers for routing the signal interconnects and providing lower conductor
resistance in the heavy current paths. In Figure 4. below the top layer component placement
is shown. The top layer components are comprised of the power handling ones such as the
MOSFETS and inductors. Along with the power component placement is Figure 5 that
shows the top copper power traces. The first inner layer shown in Figure 6 is a layer that
has redundant power traces to lower resistance in the high current paths. The power ground
and signal ground layers are shown in Figure 7 and 8 respectively. Care must be taken that
they connect at only one point close to pin 14 of the PM6680. The component placement for
the bottom layer is shown in Figure 9, these are the parts that do the signal conditioning and
connect to the PM6680 controller. Of special note on the bottom layer copper shown in
Figure 10, is the square copper island under U1 (the PM6680). This island connects to the
thermal sink contact that is on the bottom of the package. A requirement for proper
operation is that this pad be connected to signal ground. As shown in Figure 11, which is the
fourth inner layer used for additional signal routing, a matrix of nine vias are used to make
the connection to the signal ground layer. The board uses 1-ounce copper on all layers.
While not necessary for the signal traces, keeping the copper weight even on all the layers
reduces the chances of the board warping during the manufacturing process.
Figure 4.
Top layer component placement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com