Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2728 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2728
Description  ST1S12 small synchronous buck converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2728 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2728 Datasheet HTML 12Page - STMicroelectronics AN2728 Datasheet HTML 13Page - STMicroelectronics AN2728 Datasheet HTML 14Page - STMicroelectronics AN2728 Datasheet HTML 15Page - STMicroelectronics AN2728 Datasheet HTML 16Page - STMicroelectronics AN2728 Datasheet HTML 17Page - STMicroelectronics AN2728 Datasheet HTML 18Page - STMicroelectronics AN2728 Datasheet HTML 19Page - STMicroelectronics AN2728 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Demonstration board usage recommendation
AN2728
16/20
Figure 16.
Efficiency vs. inductor at VO = 1.8 V
Figure 17.
Efficiency vs. inductor at VO = 3.3 V
Figure 18.
Efficiency vs. input voltage
0
10
20
30
40
50
60
70
80
90
100
02
4
6
8
10
12
L [µH]
I
OUT=50mA
I
OUT=100mA
I
OUT=250mA
I
OUT=500mA
I
OUT=700mA
V
IN = 3.6 V, VOUT = 1.8 V,
C
IN = 4.7 µF, COUT = 10 µF
0
10
20
30
40
50
60
70
80
90
100
02
4
6
8
10
12
L [µH]
I
OUT=50mA
I
OUT=100mA
I
OUT=250mA
I
OUT=500mA
I
OUT=700mA
V
IN = 3.6 V, VOUT = 1.8 V,
C
IN = 4.7 µF, COUT = 10 µF
0
10
20
30
40
50
60
70
80
90
100
02
4
6
8
10
12
L [µH]
I
OUT=50mA
I
OUT=100mA
I
OUT=300mA
I
OUT=500mA
I
OUT=700mA
V
IN = 5 V, VOUT = 3.3 V,
C
IN = 4.7 µF, COUT = 10 µF
0
10
20
30
40
50
60
70
80
90
100
02
4
6
8
10
12
L [µH]
I
OUT=50mA
I
OUT=100mA
I
OUT=300mA
I
OUT=500mA
I
OUT=700mA
V
IN = 5 V, VOUT = 3.3 V,
C
IN = 4.7 µF, COUT = 10 µF
0
10
20
30
40
50
60
70
80
90
100
33.5
4
4.5
55.5
6
VIN [V]
I
OUT=50mA
I
OUT=100mA
I
OUT=250mA
V
OUT = 3.3 V, CIN = 4.7 µF,
C
OUT = 10 µF, L = 2.2 µH
0
10
20
30
40
50
60
70
80
90
100
33.5
4
4.5
55.5
6
VIN [V]
I
OUT=50mA
I
OUT=100mA
I
OUT=250mA
V
OUT = 3.3 V, CIN = 4.7 µF,
C
OUT = 10 µF, L = 2.2 µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com