Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2728 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2728
Description  ST1S12 small synchronous buck converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2728 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2728 Datasheet HTML 12Page - STMicroelectronics AN2728 Datasheet HTML 13Page - STMicroelectronics AN2728 Datasheet HTML 14Page - STMicroelectronics AN2728 Datasheet HTML 15Page - STMicroelectronics AN2728 Datasheet HTML 16Page - STMicroelectronics AN2728 Datasheet HTML 17Page - STMicroelectronics AN2728 Datasheet HTML 18Page - STMicroelectronics AN2728 Datasheet HTML 19Page - STMicroelectronics AN2728 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AN2728
Bill of materials
17/20
5
Bill of materials
Table 2.
Bill of materials with most common components
Name
Value
Material
Manufacturer
P/N
CIN
4.7µF
Ceramic
Murata
GRM21BR61E475KA12B
COUT
10µF
Ceramic
Murata
GRM21BR61A106KE19L
Murata
GRM31CR61E106KA12B
L
2.2µH
Coilcraft
LPS4018-222MLB
Coiltronics
DR73-2R2
REN
1M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com