Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2761 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2761
Description  Solution for designing a transition mode
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2761 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2761 Datasheet HTML 3Page - STMicroelectronics AN2761 Datasheet HTML 4Page - STMicroelectronics AN2761 Datasheet HTML 5Page - STMicroelectronics AN2761 Datasheet HTML 6Page - STMicroelectronics AN2761 Datasheet HTML 7Page - STMicroelectronics AN2761 Datasheet HTML 8Page - STMicroelectronics AN2761 Datasheet HTML 9Page - STMicroelectronics AN2761 Datasheet HTML 10Page - STMicroelectronics AN2761 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
AN2761
Designing a TM PFC
Doc ID 14690 Rev 2
7/36
3
Designing a TM PFC
3.1
Input specification
The following is a possible design flowchart in reference to a transition mode PFC, using the
L6562A. This first part is a detailed specification of the operating conditions of the circuit that
is needed for the following calculation. In this example a 80 W, wide input range mains PFC
circuit has been considered. Some design criteria are also given.
Because the PFC is a boost topology the regulated output voltage depends strongly on the
maximum AC input voltage. In fact, for boost correct operation the output voltage must
always be higher than the input and thus, because the Vin max is
Vpk,
the output has been set at 400 Vdc as the typical value. If the input voltage is higher, as
typical in ballast applications, the output voltage must be set higher accordingly. As a rule of
thumb the output voltage must be set 6/7% higher than the maximum input voltage peak.
The target efficiency and PF are set here at minimum input voltage and maximum load.
They are used for the following operating condition calculations of the PFC. Of course at
high input voltage the efficiency is higher.
●
Mains voltage range (Vac rms):
(1)
●
Minimum mains frequency:
(2)
●
Rated output power (W):
(3)
●
Regulated DC output voltage (Vdc):
(4)
●
Expected efficiency (%):
(5)
●
Expected power factor:
(6)
Vac
85
VACmin =
Vac
265
VACmax =
Hz
47
fl =
W
80
Pout =
VAC
max
2
374
=
⋅
V
400
V
out =
%
93
P
P
in
out
=
=
η
99
.
0
PF
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com