Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2761 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2761
Description  Solution for designing a transition mode
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2761 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2761 Datasheet HTML 1Page - STMicroelectronics AN2761 Datasheet HTML 2Page - STMicroelectronics AN2761 Datasheet HTML 3Page - STMicroelectronics AN2761 Datasheet HTML 4Page - STMicroelectronics AN2761 Datasheet HTML 5Page - STMicroelectronics AN2761 Datasheet HTML 6Page - STMicroelectronics AN2761 Datasheet HTML 7Page - STMicroelectronics AN2761 Datasheet HTML 8Page - STMicroelectronics AN2761 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
AN2761
List of figures
Doc ID 14690 Rev 2
3/36
List of figures
Figure 1.
L6562A PFC controller in an SMPS architecture . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Boost converter circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 3.
Inductor current waveform and MOSFET timing. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 4.
Switching frequency fixing the line voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 5.
Transition angle versus input voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 6.
Capacitive losses . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 7.
Conduction losses and total losses in the STP8NM50 MOSFET for the 80W TM PFC . . . 17
Figure 8.
L6562A internal schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 9.
Bode plot - open-loop transfer function. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 10.
Bode plot - phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 11.
Multiplier characteristics family . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 12.
Optimum MOSFET turn-on . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 13.
Excel spreadsheet design specification input table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 14.
Other design data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 15.
Excel spreadsheet TM PFC schematic. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 16.
Excel spreadsheet BOM - 80 W TM PFC based on L6562A . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 17.
EVL6562A-TM-80W demonstration board . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 18.
Wide range 80W demonstration board electrical circuit (EVL6562A-TM-80W) . . . . . . . . . 27
Figure 19.
EVL6562A-TM-80W compliance to EN61000-3-2 standard . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 20.
EVL6562A-TM-80W compliance to JEIDA-MITI standard . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 21.
EVL6562A-TM-80W power factor vs. Vin and load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 22.
EVL6562A-TM-80W THD vs. Vin and load. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 23.
EVL6562A-TM-80W efficiency vs. Vin and load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 24.
EVL6562A-TM-80W static Vout regulation vs. Vin and load . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 25.
EVL6562A-TM-80W input current at 100 V-50 Hz - 80 W load . . . . . . . . . . . . . . . . . . . . . 31
Figure 26.
EVL6562A-TM-80W input current at 230 V-50 Hz - 80 W load . . . . . . . . . . . . . . . . . . . . . 31
Figure 27.
EVL6562A-TM-80W input current at 100 V-50 Hz - 40 W load . . . . . . . . . . . . . . . . . . . . . 31
Figure 28.
EVL6562A-TM-80W input current at 230 V-50 Hz - 40 W load . . . . . . . . . . . . . . . . . . . . . 31
Figure 29.
EVL6562A-TM-80W input current at 100 V-50 Hz - 20 W load . . . . . . . . . . . . . . . . . . . . . 32
Figure 30.
EVL6562A-TM-80W input current at 230 V-50 Hz - 20 W load . . . . . . . . . . . . . . . . . . . . . 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com