Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2798 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2798
Description  Complete DDR2/3 memory power supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2798 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2798 Datasheet HTML 10Page - STMicroelectronics AN2798 Datasheet HTML 11Page - STMicroelectronics AN2798 Datasheet HTML 12Page - STMicroelectronics AN2798 Datasheet HTML 13Page - STMicroelectronics AN2798 Datasheet HTML 14Page - STMicroelectronics AN2798 Datasheet HTML 15Page - STMicroelectronics AN2798 Datasheet HTML 16Page - STMicroelectronics AN2798 Datasheet HTML 17Page - STMicroelectronics AN2798 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Configuration
AN2798
14/38
5.3
JP2 output discharge (DSCG pin)
The JP2 jumper is used to select the desired output discharge when both S3 and S5 signals
are tied low. In the upper position the outputs are not discharged at all, while in the lower
position the outputs are independently discharged using the internal MOSFETs (22
Ω for
VDDQ and VTT, 1.5 k
Ω for VTTREF).
The tracking discharge is programmed by putting JP2 in the central position. This discharge
mode relies on the connection of the LDOIN pin to the VDDQ output, see Section 6: Test
setup on page 16 for details. If an external rail is used to supply the LDO, the tracking
discharge cannot be used because the device can be damaged while attempting to sink 1 A
from the LDO input.
Figure 10.
JP1 (DDRSEL) setting
1.5 V output voltage
1.8 V output voltage
(default position)
1.5 V output voltage
JP1 options when JP3 is in the lower position
Non Audible Pulse-Skip
Forced PWM
(default position)
Pulse-Skip
JP1 options when JP3 is in the upper position
1.5 V output voltage
1.8 V output voltage
(default position)
1.5 V output voltage
JP1 options when JP3 is in the lower position
1.5 V output voltage
1.8 V output voltage
(default position)
1.5 V output voltage
JP1 options when JP3 is in the lower position
Non Audible Pulse-Skip
Forced PWM
(default position)
Pulse-Skip
JP1 options when JP3 is in the upper position
Non Audible Pulse-Skip
Forced PWM
(default position)
Pulse-Skip
JP1 options when JP3 is in the upper position
Figure 11.
JP2 (DSCG) setting
Non-Tracking Discharge
No Discharge
(default position)
Tracking Discharge
Non-Tracking Discharge
No Discharge
(default position)
Tracking Discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com