Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0024 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TN0024
Description  Power supply HOLD-UP time
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0024 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TN0024 Datasheet HTML 2Page - STMicroelectronics TN0024 Datasheet HTML 3Page - STMicroelectronics TN0024 Datasheet HTML 4Page - STMicroelectronics TN0024 Datasheet HTML 5Page - STMicroelectronics TN0024 Datasheet HTML 6Page - STMicroelectronics TN0024 Datasheet HTML 7Page - STMicroelectronics TN0024 Datasheet HTML 8Page - STMicroelectronics TN0024 Datasheet HTML 9Page - STMicroelectronics TN0024 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HOLD-UP graph: Tup = 10 ms
TN0024
6/11
6
HOLD-UP graph: Tup = 10 ms
Equation 25
Equation 26
Figure 1.
Minimum operating voltage vs. bulk capacitance
6.1
HOLD-UP example
●
= 110 AC voltage at turn-off
●
Po = 24 Output power
●
η= 0.84 Efficiency running
●
No = 0.87 Efficiency at turn-off
●
C =
Bulk capacitor
●
f = 60 Line frequency
●
Tup =
Desired HOLD-UP time
●
Vd = 1.2 Voltage drop of the input diodes
●
Rin = 5.5 Inrush resistor and EMI filter resistance in the AC line
V
dc
min c
()
V
ac
off
2Vd
–
R
in
P
o
•
V
ac
off
2N
•
•
--------------------------------------
–
⎝⎠
⎜⎟
⎛⎞ 2 Po
c
------
1
fN
•
------------
2T
up
•
N
o
-------------------
+
⎝⎠
⎛⎞
•
–
=
V
ac
min c
()
V
dc
min c
()
2
--------------------
=
50
52
54
56
58
60
62
64
66
68
70
72
74
76
40
45
50
55
60
65
70
75
80
85
90
95
100
Vdcmin c
()
Vacmin c
()
c10
6
⋅
Capacitance (
µF)
Red solid trace: Minimum DC voltage
Blue dash trace: Minimum AC voltage
V
ac
off
60
10
6
–
•
10
10
3
–
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com