Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0024 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TN0024
Description  Power supply HOLD-UP time
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0024 Datasheet(HTML) 1 Page - STMicroelectronics

  TN0024 Datasheet HTML 1Page - STMicroelectronics TN0024 Datasheet HTML 2Page - STMicroelectronics TN0024 Datasheet HTML 3Page - STMicroelectronics TN0024 Datasheet HTML 4Page - STMicroelectronics TN0024 Datasheet HTML 5Page - STMicroelectronics TN0024 Datasheet HTML 6Page - STMicroelectronics TN0024 Datasheet HTML 7Page - STMicroelectronics TN0024 Datasheet HTML 8Page - STMicroelectronics TN0024 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
February 2007
Rev 1
1/11
TN0024
Technical note
Power supply HOLD-UP time
Introduction
A warning signal at a time period is often requested from a power supply for the load to
complete housekeeping chores before the output voltage drops out of regulation. A circuit
to monitor AC input voltage and a bulk capacitor of sufficient size are often used to meet
these requirements.
The HOLD-UP time of an off line, high frequency power supply can be defined as the time
required for the output voltage to remain within regulation after the AC input voltage is
removed. It is commonly expressed in ms from a specific input voltage, which is usually less
than the nominal AC input voltage, and at a specific output power. The power supply is
designed to regulate output voltage at the DC bulk voltage which is reached after the HOLD-
UP time.
If a HOLD-UP time is required, there are tradeoffs with respect to the power supply design
input voltage and regarding the size of bulk capacitors. Often the major part of the power
supply design, on the primary side, depends on the lowest DC bulk voltage after the HOLD-
UP time in which the power supply can operate.
This document presents a comparison between lab data, P-Spice simulation and MathCAD
analysis of the same high frequency off line power supply. The power supply is a
VIPer53DIP-E demo board with a universal 85 to 264 VAC input voltage and a 12 V output
voltage with a 2 A load. The inrush resistor, R1, is 3
Ω and the common mode inductor, L1,
is about 2.5
Ω. The bulk capacitor, C2, is 68 µF and measures about 60 µF. The
requirement is for a 10ms HOLD-UP time, an AC voltage at turn off of 110 VAC and the
power supply is designed to operate at an input voltage of 80 VDC.
www.st.com


Similar Part No. - TN0024

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TN0023 BOTHHAND-TN0023 Datasheet
176Kb / 1P
10/100 BASE -T MAGNETICS MODULES
logo
STMicroelectronics
TN0023 STMICROELECTRONICS-TN0023 Datasheet
70Kb / 7P
Discontinuous flyback transformer
03-Aug-2012
TN0025 STMICROELECTRONICS-TN0025 Datasheet
94Kb / 7P
LED balancing circuit with power limit
05-Apr-2007
TN0026 STMICROELECTRONICS-TN0026 Datasheet
119Kb / 9P
LED balancing circuits
05-Apr-2007
More results

Similar Description - TN0024

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
HUM-40 CRANE-HUM-40 Datasheet
371Kb / 13P
HOLD UP MODULE 28 VOLT INPUT
logo
TECHNOLOGY ASSISTANCE B...
TDRSP-1URK-BBU-12-50 TAB-TDRSP-1URK-BBU-12-50 Datasheet
462Kb / 2P
BATTERY BACK-UP POWER SUPPLY
logo
SYNERGY MICROWAVE CORPO...
OXO100-1-402 SYNERGY-OXO100-1-402 Datasheet
243Kb / 2P
Fast Warm-up Time
logo
NANJING AH ELECTRONICS ...
WG112 AHNJ-WG112 Datasheet
388Kb / 2P
Working time Demand use Power supply
WG214 AHNJ-WG214 Datasheet
386Kb / 2P
Working time Demand use Power supply
WG215 AHNJ-WG215 Datasheet
400Kb / 2P
Working time Demand use Power supply
WG311 AHNJ-WG311 Datasheet
367Kb / 2P
Working time Demand use Power supply
logo
List of Unclassifed Man...
HUB-M ETC-HUB-M Datasheet
74Kb / 1P
HOLD-UP BUTTON
HUSK-20 ETC-HUSK-20 Datasheet
316Kb / 1P
LATCHING HOLD-UP SWITCH
logo
XP Power Limited
MTH100 XPPOWER-MTH100_V01 Datasheet
524Kb / 2P
Hold Up Module
16 Aug 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com