Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0422 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0422
Description  Constant current controller for high brightness LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0422 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0422 Datasheet HTML 6Page - STMicroelectronics UM0422 Datasheet HTML 7Page - STMicroelectronics UM0422 Datasheet HTML 8Page - STMicroelectronics UM0422 Datasheet HTML 9Page - STMicroelectronics UM0422 Datasheet HTML 10Page - STMicroelectronics UM0422 Datasheet HTML 11Page - STMicroelectronics UM0422 Datasheet HTML 12Page - STMicroelectronics UM0422 Datasheet HTML 13Page - STMicroelectronics UM0422 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Application information
UM0422
12/14
Figure 8.
Bottom layer
7
Application information
7.1
Thermal information
The STCS1 is able to control an LED current up to 1.5 A and it is able to sustain a voltage
between drain pin and GND up to 40 V. Those operating conditions are however limited by
thermal constraints. Typical thermal resistances are shown in Table 5. In particular RthJA
depends on the copper area and the number of layers of the printed circuit board under the
pad. DFN8 and PowerSO-8 have an exposed die attach pad which enhances the thermal
conductivity enabling high power application.
The power dissipation in the device can be calculated as:
Equation 3
Based on this and on the thermal resistance and ambient temperature, the junction
temperature can be calculated as:
Equation 4
Table 5.
Thermal data
Symbol
Parameter
MLP 3x3 8L
PowerSO-8
Unit
Rthj-C
Thermal resistance junction-case
3
10
ºC/W
Rthj-amb
Thermal resistance junction-ambient
37.6(1)
1.
This value is referred to four-layer PCB, JEDEC standard test board.
45(2)
2.
With two sides, two planes PCB following EIA/JEDEC JESD51-7 standard.
P
D
V
DRAIN
V
FB
() I
LED
V
CC
I
CC
()
+
=
T
J
R
thJA
P
D
T
A
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com