Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0422 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0422
Description  Constant current controller for high brightness LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0422 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0422 Datasheet HTML 6Page - STMicroelectronics UM0422 Datasheet HTML 7Page - STMicroelectronics UM0422 Datasheet HTML 8Page - STMicroelectronics UM0422 Datasheet HTML 9Page - STMicroelectronics UM0422 Datasheet HTML 10Page - STMicroelectronics UM0422 Datasheet HTML 11Page - STMicroelectronics UM0422 Datasheet HTML 12Page - STMicroelectronics UM0422 Datasheet HTML 13Page - STMicroelectronics UM0422 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
UM0422
Revision history
13/14
For correct operation of the chip, the junction temperature must not exceed 110 °C. The
following graphs show the maximum power dissipation according to the ambient
temperature for both packages:
8
Revision history
Figure 9.
Maximum power dissipation vs TA
for MLP 3x3
Figure 10.
Maximum power dissipation vs TA
for PowerSO-8
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
25
35
45
55
65
75
85
[°C]
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
25
35
45
55
65
75
85
[°C]
Table 6.
Document revision history
Date
Revision
Changes
23-May-2007
1
Initial release
25-Feb-2008
2
– Modified: Figure 3, 4, Table 2 and Section 2
– Nota in Table 3 removed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com