Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2443 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2443
Description  PLC actuator high-side driver solution with CMOS interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2443 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2443 Datasheet HTML 1Page - STMicroelectronics AN2443 Datasheet HTML 2Page - STMicroelectronics AN2443 Datasheet HTML 3Page - STMicroelectronics AN2443 Datasheet HTML 4Page - STMicroelectronics AN2443 Datasheet HTML 5Page - STMicroelectronics AN2443 Datasheet HTML 6Page - STMicroelectronics AN2443 Datasheet HTML 7Page - STMicroelectronics AN2443 Datasheet HTML 8Page - STMicroelectronics AN2443 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
December 2006
Rev 2
1/15
AN2443
Application note
PLC actuator high-side driver solution with CMOS interface
based on VN808CM-E High-side Driver
Main Features
■
8 output channels (8 x 0.7A)
■
1 feedback channel - diagnostic
■
CMOS compatible signals allow direct connection to a microcontroller
■
Outputs + Diagnostic indicated by LEDs
■
EMC Immunity Proof ± 4kV level EFT (IEC 61000-4-4), ± 2kV Voltage Surge (IEC 61000-
4-5)
■
Compatible with existing ST tools (CANIC10, ARMIC30 …)
■
10.5 ÷ 33V DC Supply Voltage range
Introduction
This application note describes the STEVAL-IFP001V1 hardware implementation. It focus
on PCB design which is critical for EMC immunity robustness and thermal management.
The VN808CM-E is a monolithic device designed in STMicroelectronics VIPower M0-3
technology. The product is intended for driving any kind of load with one side connected to
ground. It can be driven by using a 5.0V or 3.3V logic supply. This allows realizing an output
stage without optical decoupling or another level-shifting. Active current limitation, combined
with thermal shutdown and automatic restart, protect the device against accidental or long-
time short circuit and overload.
The complete solution is implemented on a double-face board with only two copper layers
which is cost-effective, also precision of routing is cost-optimized.
STEVAL-IFP001V1 is delivered in a set with CD-ROM including board fabrication data
(Gerber files), this user manual and related devices documentation (for latest information,
please have a look at www.st.com).
www.st.com


Similar Part No. - AN2443

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2440 STMICROELECTRONICS-AN2440 Datasheet
246Kb / 13P
The Error Code Correction
15-Jan-2013
AN2441 STMICROELECTRONICS-AN2441 Datasheet
242Kb / 14P
Low cost effective oscillator for STR71x MCUs
02-Apr-2007
AN2442 STMICROELECTRONICS-AN2442 Datasheet
227Kb / 22P
Using the STR91xFA DMA controller
02-Jun-2008
AN2446 STMICROELECTRONICS-AN2446 Datasheet
233Kb / 13P
STEVAL-IHT002V1 Intelligent thermostat for compressor based on ST7Ultralite MCU
14-Feb-2007
AN2448 STMICROELECTRONICS-AN2448 Datasheet
1Mb / 21P
This document describes a low power adapter that can be used in travel battery charger applications
04-Jul-2007
More results

Similar Description - AN2443

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR20153S IRF-IR20153S Datasheet
220Kb / 15P
HIGH SIDE DRIVER WITH RECHARGE
logo
Zilog, Inc.
Z86017 ZILOG-Z86017 Datasheet
1Mb / 138P
PCMCIA Interface Solution
logo
Sanyo Semicon Device
LV8092GQ SANYO-LV8092GQ Datasheet
107Kb / 12P
Bi-CMOS LSI Piezo Actuator Driver IC
logo
IC-Haus GmbH
IC-JX ICHAUS-IC-JX Datasheet
611Kb / 36P
16-FOLD 24 V HIGH-SIDE DRIVER WITH 關C INTERFACE
logo
Motorola, Inc
MC145453 MOTOROLA-MC145453 Datasheet
147Kb / 6P
LCD Driver with Serial Interface LSI CMOS
logo
PHOENIX CONTACT
PLC-RSP-24DC PHOENIX-PLC-RSP-24DC Datasheet
590Kb / 14P
Universal PLC Interface with PDT Relay
logo
ON Semiconductor
FSA8039A ONSEMI-FSA8039A Datasheet
612Kb / 9P
Audio Jack Interface Solution with Moisture Sensing
June, 2018 Rev. 3
logo
Texas Instruments
TPS929120-Q1 TI1-TPS929120-Q1 Datasheet
1Mb / 104P
12-Channel Automotive 40-V High-Side LED Driver With FlexWire Interface
logo
PHOENIX CONTACT
103148 PHOENIX-103148 Datasheet
249Kb / 4P
PLC INTERFACE With Solid-State Relay, Universal Version
logo
MPS Industries, Inc.
MP6605C MPSIND-MP6605C Datasheet
671Kb / 16P
4-Channel, Low-Side Driver with I2C Interface
Rev. 1.0 7/11/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com