Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2443 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2443
Description  PLC actuator high-side driver solution with CMOS interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2443 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2443 Datasheet HTML 6Page - STMicroelectronics AN2443 Datasheet HTML 7Page - STMicroelectronics AN2443 Datasheet HTML 8Page - STMicroelectronics AN2443 Datasheet HTML 9Page - STMicroelectronics AN2443 Datasheet HTML 10Page - STMicroelectronics AN2443 Datasheet HTML 11Page - STMicroelectronics AN2443 Datasheet HTML 12Page - STMicroelectronics AN2443 Datasheet HTML 13Page - STMicroelectronics AN2443 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Technical data
AN2443
10/15
6
Technical data
7
Reference documents
[1]
AN1351 - VIPower AND BCDmultipower: Making Life Easier with ST’s High-side
Drivers
[2]
AN2208 - Designing Industrial Applications with VN808/VN340SP High-side Drivers
Table 3.
STEVAL-IFP001V1 technical data(1)
1.
These values are for information only.
Parameter
Min.
Typ.
Max.
Unit
Board Supply Voltage range (recommended)
10.5
33
V DC
Output current per channel (nominal value)
0.5
A DC
Output low level voltage
3
V DC
Supply leakage current @ 24VDC, all inputs grounded
88
µA DC
Input signal low level voltage
0
1.25
V DC
Input signal high level voltage
2.25
6
V DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com