Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2450 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2450
Description  LLC resonant half-bridge converter design guideline
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2450 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2450 Datasheet HTML 17Page - STMicroelectronics AN2450 Datasheet HTML 18Page - STMicroelectronics AN2450 Datasheet HTML 19Page - STMicroelectronics AN2450 Datasheet HTML 20Page - STMicroelectronics AN2450 Datasheet HTML 21Page - STMicroelectronics AN2450 Datasheet HTML 22Page - STMicroelectronics AN2450 Datasheet HTML 23Page - STMicroelectronics AN2450 Datasheet HTML 24Page - STMicroelectronics AN2450 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
DocID12784 Rev 6
21/35
AN2450
Magnetic integration
35
5
Magnetic integration
The LLC resonant half-bridge is well suited for magnetic integration, i.e. to combine the
inductors as well as the transformer into a single magnetic device. This can be easily
recognized looking at the transformer's physical model in Figure 9, where the topological
analogy with the inductive part of the LLC tank circuit is apparent. However, the real
transformer has leakage inductance on the secondary side as well, which is completely
absent in the model considered so far. To include the effect of secondary leakage in the FHA
analysis, we need a particular transformer model and a simplifying assumption.
It is well known that there are an infinite number of electrically equivalent models of a given
transformer, depending on the choice of the turn ratio of the ideal transformer included in the
model. With an appropriate choice of this “equivalent” turn ratio n (obviously different from
the “physical” turn ratio nt = N1/N2) all the elements related to leakage flux can be located
on the primary side.
This is the APR (all primary referred) model shown in Figure 10, which fits the circuit
considered in the FHA analysis. It is possible to show that the APR model is obtained with
the following choice of n:
Equation 51
with k transformer's coupling coefficient, L1 inductance of the primary winding and L2
inductance of each secondary winding. Note that Lr still has physical meaning: it is the
primary inductance measured with the secondary windings shorted. Note also that the
primary inductance L1 must be unchanged. It is only differently split in the 2 models of
Figure 9 and Figure 10, hence, Lm will be the difference between L1 and Lr.
In the end, the analysis done so far is directly applicable to real-world transformers provided
they are represented by their equivalent APR model. Vice versa, a design flow based on the
FHA analysis will provide the parameters of the APR model; hence, an additional step is
needed to determine those of the physical model. In particular this applies to the turn
number nt, since Lr and Lm still have a connection with the physical world
(Lr + Lm = LL1 + Lµ = L1).
Figure 9. Transformer's physical model
nk
L1
L2
------
=
Lμ
Ideal Transformer
n
t : 1 : 1
Magnetizing
inductance
Sec. leakage
inductance
L
L1
L
L2a
L
L2b
Sec. leakage
inductance
Prim. leakage
inductance
Lμ
Ideal Transformer
n
t : 1 : 1
Magnetizing
inductance
Sec. leakage
inductance
L
L1
L
L2a
L
L2b
Sec. leakage
inductance
Prim. leakage
inductance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com