Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2450 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN2450
Description  LLC resonant half-bridge converter design guideline
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2450 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN2450 Datasheet HTML 27Page - STMicroelectronics AN2450 Datasheet HTML 28Page - STMicroelectronics AN2450 Datasheet HTML 29Page - STMicroelectronics AN2450 Datasheet HTML 30Page - STMicroelectronics AN2450 Datasheet HTML 31Page - STMicroelectronics AN2450 Datasheet HTML 32Page - STMicroelectronics AN2450 Datasheet HTML 33Page - STMicroelectronics AN2450 Datasheet HTML 34Page - STMicroelectronics AN2450 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Electrical test results
AN2450
32/35
DocID12784 Rev 6
Figure 16. Resonant circuit primary side waveforms at nominal dc input voltage and
no-load
In Figure 17, the Ch1 waveform shows a detail of the half-bridge square voltage (directly
taken across pin 14 and pin 10 of L6599 controller) to highlight the softness of voltage edge,
without abrupt negative voltage spikes that would be generated in presence of large stray
inductance of wiring. The layout is very critical in this respect and needs to be optimized in
order to minimize this effect, which could damage the controller itself.
In Figure 18 and Figure 19, waveforms relevant to the secondary side are represented. The
rectifiers reverse voltage is measured by CH1 (for both +200 V and +75 V outputs) and the
peak-to-peak value is indicated on the right of the graph. Waveform CH2 shows the current
flowing into one of the two output diodes for each output voltage (respectively D6 and D8).
Also this current shape is almost a sine wave, whose average value is one half the output
current.
Figure 17. Resonant circuit primary side waveforms at nominal dc input voltage and
light load
Ch1: half-bridge square voltage
Ch2: resonant tank current
Ch3: +200 V output voltage
Ch1: half-bridge square voltage
Ch2: resonant tank current
Ch3: low-side MOSFET gate
(between pin 14 and 10 of L6599)
drive signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com