Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2559 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2559
Description  System power supply board for digital solutions
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2559 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2559 Datasheet HTML 1Page - STMicroelectronics AN2559 Datasheet HTML 2Page - STMicroelectronics AN2559 Datasheet HTML 3Page - STMicroelectronics AN2559 Datasheet HTML 4Page - STMicroelectronics AN2559 Datasheet HTML 5Page - STMicroelectronics AN2559 Datasheet HTML 6Page - STMicroelectronics AN2559 Datasheet HTML 7Page - STMicroelectronics AN2559 Datasheet HTML 8Page - STMicroelectronics AN2559 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
September 2007
Rev 1
1/35
AN2559
Application note
System power supply board for digital solutions
Introduction
This document describes a power supply reference board designed for powering digital
applications, such as CPUs, FPGAs, memories, etc. The main purpose of the board is to
illustrate the basic principles used for the design of the power supply and to give designers a
usable prototype for testing and use.
The trend in recent years in the supplying of power to MCUs, CPUs, memories, FPGAs, etc.
is to reduce the supply voltage, increase the supply current and provide different voltage
levels for different devices in one platform. A typical example of this situation is the FPGA.
The FPGA contains a core part which works at a low level voltage, the interface part placed
between the core and the output, the system part, etc. It is important to note that each
FPGA family has a slightly different voltage level and the trend is to decrease the voltage for
each new family. The lowest operating voltage currently available is 1 V, and this can be
expected to decrease to 0.9 V or 0.8 V in the near future. A similar situation exists with other
digital applications. Typically, the main CPU, memory and interfaces require different supply
voltage levels. Low operating voltages also present another challenge - transient. Digital
devices are typically sensitive to voltage level. If the voltage drops below or crosses over a
specific limit, the device is reset. This limit is typically ± 3 or ± 5%. On the other hand, digital
device consumption can change very quickly (several amps in a few hundred nanoseconds).
A power supply must be able to react very quickly with a minimum of over (or under) voltage,
especially in cases where very low output voltage is required. There is additional stress
placed on power supplies for digital applications in the industrial environment.
The industrial standard bus is 24 V, but this voltage fluctuates and the maximum input
voltage level required can reach 36 V. Additional surge protection is also a mandatory part of
power supply input for industrial applications.
The goal of the board described in this application note is to cover all of the issues outlined
above. It is intended mainly to satisfy industrial input requirements (operating voltages up to
36 V) and generate several output voltages for mid-range power applications (up to several
amps). The main output voltage level can simply be set.
www.st.com


Similar Part No. - AN2559

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2551 STMICROELECTRONICS-AN2551 Datasheet
77Kb / 8P
Configuring the STR91xFA MCU for optimum CPU performance
May-2007
AN2555 STMICROELECTRONICS-AN2555 Datasheet
475Kb / 33P
Porting an application from the ST10F269Zx to the ST10F276Z5
06-Jul-2007
AN2556 STMICROELECTRONICS-AN2556 Datasheet
455Kb / 35P
Porting an application from the ST10F269Zx to the ST10F273Z4
06-Jul-2007
More results

Similar Description - AN2559

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3915B ROHM-BA3915B Datasheet
247Kb / 16P
System power supply for car stereos
BA3918 ROHM-BA3918 Datasheet
153Kb / 9P
System power supply for car stereos
BA4900 ROHM-BA4900 Datasheet
169Kb / 10P
System power supply for car stereos
logo
fujitsu semiconductor
MB3829 FUJITSU-MB3829 Datasheet
442Kb / 24P
System Power Supply IC for Mobile Telephone
logo
Sanyo Semicon Device
LA5617 SANYO-LA5617 Datasheet
43Kb / 4P
Multi-System Power Supply for Audio Equipment
LA5618 SANYO-LA5618 Datasheet
44Kb / 4P
Multi-System Power Supply for Audio Equipment
logo
List of Unclassifed Man...
ACU7503 ETC2-ACU7503 Datasheet
448Kb / 28P
second generation highly-integrated digital music system solutions
logo
Sanyo Semicon Device
LV5105FN SANYO-LV5105FN Datasheet
161Kb / 9P
For cell phone system Power supply
logo
Honeywell Solid State E...
HMR3300 HONEYWELL-HMR3300 Datasheet
196Kb / 11P
Digital Compass Solutions
logo
List of Unclassifed Man...
R213238007W ETC2-R213238007W Datasheet
7Mb / 23P
BOARD TO BOARD SOLUTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com