Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2559 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2559
Description  System power supply board for digital solutions
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2559 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2559 Datasheet HTML 25Page - STMicroelectronics AN2559 Datasheet HTML 26Page - STMicroelectronics AN2559 Datasheet HTML 27Page - STMicroelectronics AN2559 Datasheet HTML 28Page - STMicroelectronics AN2559 Datasheet HTML 29Page - STMicroelectronics AN2559 Datasheet HTML 30Page - STMicroelectronics AN2559 Datasheet HTML 31Page - STMicroelectronics AN2559 Datasheet HTML 32Page - STMicroelectronics AN2559 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
AN2559
Measurements
29/35
6.2
L5970AD blocks - measurements
6.2.1
Efficiency
The L5970AD is a powerful converter with very good performance and efficiency. Because a
diode is used as a low side switch, however, the efficiency is a slightly less compared to a
synchronous converter such as the PM6680A. Theoretically, the efficiency declines when
output voltage is decreasing and input voltage is increasing. Figure 28 displays the
efficiency of Output 3, depending on the input voltage at full load (800 mA). Figure 29
displays the same measurement for the Analog output. The efficiency of the Analog output
is better thanks to the higher output voltage level. The efficiency of the Analog output
voltage was measured in a range of 7 - 35 V. It should be noted that the output voltage is
5 V, so the device does not work as a switching converter in cases where the input and
output voltage are similar or lower than the required output. In this case the L5973AD works
with 100% duty cycle.
Figure 28.
Efficiency of output 3, by input voltage level
AI12698
Efficency (%)
90.0
80.0
70.0
60.0
50.0
40.0
30.0
20.0
10.0
0.0
0
5
10
15
20
25
30
35
40
Vin (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com