Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2833 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2833
Description  Dual step-down controller with auxiliary voltages for industrial system power
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2833 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2833 Datasheet HTML 1Page - STMicroelectronics AN2833 Datasheet HTML 2Page - STMicroelectronics AN2833 Datasheet HTML 3Page - STMicroelectronics AN2833 Datasheet HTML 4Page - STMicroelectronics AN2833 Datasheet HTML 5Page - STMicroelectronics AN2833 Datasheet HTML 6Page - STMicroelectronics AN2833 Datasheet HTML 7Page - STMicroelectronics AN2833 Datasheet HTML 8Page - STMicroelectronics AN2833 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
February 2009
Rev 2
1/32
AN2833
Application note
Dual step-down controller with auxiliary voltages
for industrial system power
Introduction
The PM6681A is a dual step-down controller with adjustable output voltages that can be
used in industrial power systems and this demonstration kit represents a typical application
circuit. The PM6681A demonstration kit allows testing all the device's functions and provides
two switching sections, with (typically) 3.3 V (OUT1) and 1.8 V (OUT2) outputs from 5.5 V to
36 V input voltage. The typical operating switching frequency of the two available sections is
200 kHz/300 kHz, respectively. Each switching section delivers more than 2.5 A output
current. An internal linear regulator provides a fixed 5 V output voltage. Another internal
linear regulator provides an adjustable output voltage (default 2.5 V). Both linear regulators
can deliver up to 100 mA peak current.
Figure 1.
PM6681A demonstration kit
AM01436v1
www.st.com


Similar Part No. - AN2833

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2834 STMICROELECTRONICS-AN2834 Datasheet
851Kb / 45P
How to get the best ADC accuracy in STM32Fx Series and STM32L1 Series devices
16-Sep-2013
AN2835 STMICROELECTRONICS-AN2835 Datasheet
796Kb / 21P
This application note describes the electronic lamp ballast for 70 W high intensity discharge
13-May-2010
AN2836 STMICROELECTRONICS-AN2836 Datasheet
2Mb / 57P
Modern motion control applications need more flexibility that can be addressed
22-Jul-2009
AN2837 STMICROELECTRONICS-AN2837 Datasheet
543Kb / 12P
Positive to negative buck-boost converter
26-Feb-2009
AN2838 STMICROELECTRONICS-AN2838 Datasheet
1Mb / 23P
35 W wide-range high power factor flyback converter evaluation
20-Jan-2014
More results

Similar Description - AN2833

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6685 STMICROELECTRONICS-PM6685 Datasheet
889Kb / 16P
DUAL STEP-DOWN CONTROLLER WITH AUXILARY VOLTAGES FOR NOTEBOOK SYSTEM POWER
23-Sep-2005
PM6680 STMICROELECTRONICS-PM6680 Datasheet
2Mb / 49P
No Rsense dual step-down controller with adjustable voltages for notebook system power
28-Aug-2007
PM6680A STMICROELECTRONICS-PM6680A Datasheet
1Mb / 48P
Dual synchronous step-down controller with adjustable output voltages plus LDO
17-Dec-2007
PM6680 STMICROELECTRONICS-PM6680_08 Datasheet
2Mb / 49P
No Rsense dual step-down controller with adjustable voltages for notebook system power
21-Jan-2008
PM6685 STMICROELECTRONICS-PM6685_07 Datasheet
2Mb / 52P
Dual step-down main supply controller with auxilary voltages for notebook system power
18-Oct-2007
STEVAL-ISA067V1 STMICROELECTRONICS-STEVAL-ISA067V1 Datasheet
204Kb / 4P
Dual step-down controller with auxiliary voltages demonstration board based on the PM6681A for industrial system power
29-Apr-2009
PM6686TR STMICROELECTRONICS-PM6686TR Datasheet
1Mb / 50P
Dual step-down controller with adjustable voltages, adjustable LDO and auxiliary charge pump controller for notebook
23-Jul-2009
AN2565 STMICROELECTRONICS-AN2565 Datasheet
1Mb / 29P
PM6680A evaluation kit dual step-down controller with auxiliary voltages
07-Apr-2008
AN2829 STMICROELECTRONICS-AN2829 Datasheet
2Mb / 32P
Dual step-down controller with auxilary voltages
25-Feb-2009
logo
Analog Devices
LTC3886 AD-LTC3886 Datasheet
2Mb / 122P
60V Dual Output Step-Down Controller with Digital Power System Management
9/18-REV.F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com