Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2838 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2838
Description  35 W wide-range high power factor flyback converter evaluation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2838 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2838 Datasheet HTML 6Page - STMicroelectronics AN2838 Datasheet HTML 7Page - STMicroelectronics AN2838 Datasheet HTML 8Page - STMicroelectronics AN2838 Datasheet HTML 9Page - STMicroelectronics AN2838 Datasheet HTML 10Page - STMicroelectronics AN2838 Datasheet HTML 11Page - STMicroelectronics AN2838 Datasheet HTML 12Page - STMicroelectronics AN2838 Datasheet HTML 13Page - STMicroelectronics AN2838 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Test results and significant waveforms
AN2838
10/23
DocID15099 Rev 2
The converter’s efficiency has been measured and it is significantly high in all load and line
conditions (see Figure 8). At full load, the efficiency is higher than 85% at any input voltage,
making this design suitable for high efficiency power supplies. Also, at lower output load the
efficiency is better than 82%. At minimum load (40 mA output current) the efficiency is still
good.
Figure 9 reports the output voltage measured under different line and load conditions. As
shown, the voltage regulation over the entire input voltage range is excellent at any output
current level.
Figure 6. EVL6562A-35WFLB input
current waveform @100 V-50 Hz - 35 W
load
Figure 7. EVL6562A-35WFLB input
current waveform @230 V-50 Hz - 35 W
load
Figure 8. Efficiency vs. VIN and load
Figure 9. Static VOUT regulation vs. VIN
and IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com