Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2838 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2838
Description  35 W wide-range high power factor flyback converter evaluation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2838 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2838 Datasheet HTML 1Page - STMicroelectronics AN2838 Datasheet HTML 2Page - STMicroelectronics AN2838 Datasheet HTML 3Page - STMicroelectronics AN2838 Datasheet HTML 4Page - STMicroelectronics AN2838 Datasheet HTML 5Page - STMicroelectronics AN2838 Datasheet HTML 6Page - STMicroelectronics AN2838 Datasheet HTML 7Page - STMicroelectronics AN2838 Datasheet HTML 8Page - STMicroelectronics AN2838 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
DocID15099 Rev 2
3/23
AN2838
List of figures
23
List of figures
Figure 1.
EVL6562A-35WFLB evaluation board using the L6562A . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
EVL6562A-35WFLB evaluation board: electrical schematic . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 3.
EVL6562A-35WFLB compliance with EN61000-3-2 Class-C limits @ full load . . . . . . . . . . 9
Figure 4.
EVL6562A-35WFLB compliance with JEIDA-MITI Class-C limits @ full load . . . . . . . . . . . 9
Figure 5.
Power factor vs. VIN and load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 6.
EVL6562A-35WFLB input current waveform @100 V-50 Hz - 35 W load . . . . . . . . . . . . . 10
Figure 7.
EVL6562A-35WFLB input current waveform @230 V-50 Hz - 35 W load . . . . . . . . . . . . . 10
Figure 8.
Efficiency vs. VIN and load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 9.
Static VOUT regulation vs. VIN and IOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 10.
EVL6562A-35WFLB output voltage ripple @ 90 VAC - full load . . . . . . . . . . . . . . . . . . . . . 11
Figure 11.
EVL6562A-35WFLB output voltage ripple @ 265 VAC - full load . . . . . . . . . . . . . . . . . . . . 11
Figure 12.
EVL6562A-35WFLB VDS and ID @ 90 VAC - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 13.
EVL6562A-35WFLB VDS and ID @ 90 VAC - full load - detail. . . . . . . . . . . . . . . . . . . . . . . 11
Figure 14.
EVL6562A-35WFLB VDS and ID @ 265 VAC - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 15.
EVL6562A-35WFLB VDS and ID @ 265 VAC - full load - detail. . . . . . . . . . . . . . . . . . . . . . 12
Figure 16.
EVL6562A-35WFLB VDS and ID @ 90 VAC - 40 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 17.
EVL6562A-35WFLB VDS and ID @ 90 VAC - 40 mA - detail. . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 18.
EVL6562A-35WFLB VDS and ID @ 265 VAC - 40 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 19.
EVL6562A-35WFLB VDS and ID @ 265 VAC - 40 mA - detail . . . . . . . . . . . . . . . . . . . . . . 13
Figure 20.
Thermal map at 90 VAC - full load. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 21.
Thermal map at 265 VAC - full load. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 22.
115 VAC and full load - phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 23.
115 VAC and full load - neutral . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 24.
230 VAC and full load - phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 25.
230 VAC and full load - neutral . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 26.
Burst pulse and characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 27.
Electrical schematic with secondary current feedback . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 28.
Power transformer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com