Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2937 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2937
Description  Power system demonstration kit based on the PM6686 dual
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2937 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2937 Datasheet HTML 2Page - STMicroelectronics AN2937 Datasheet HTML 3Page - STMicroelectronics AN2937 Datasheet HTML 4Page - STMicroelectronics AN2937 Datasheet HTML 5Page - STMicroelectronics AN2937 Datasheet HTML 6Page - STMicroelectronics AN2937 Datasheet HTML 7Page - STMicroelectronics AN2937 Datasheet HTML 8Page - STMicroelectronics AN2937 Datasheet HTML 9Page - STMicroelectronics AN2937 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Main features
AN2937
6/41
Doc ID 15418 Rev 1
1
Main features
●
5.5 V to 28 V input voltage range
●
Dual fixed 1.05 V/3.3 V and 1.5 V/5.0 V outputs or adjustable 0.7 V to 5.5 V (SMPS1)
and 0 V to 2.5 V (SMPS2), ±1.5% accuracy over valley regulation
●
Low-side MOSFET RDS(on) current sensing and programmable current limit
●
Constant on-time control
●
Selectable switching frequency
●
Soft-start (internally fixed at 2.8 ms) and soft-stop
●
Selectable pulse skipping at light loads
●
Selectable minimum frequency (33 kHz) in pulse skip mode
●
Independent Power Good and EN signals
●
Latched OVP and UVP
●
Charge pump feedback
●
Fixed 3.3 V/5.0 V, or adjustable output 0.7 V to 4.5 V, ±1.5% (LDO): 200 mA
●
3.3 V reference voltage ± 2.0%: 5 mA
●
2.0 V reference voltage ±1.0%: 50 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com