Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2937 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2937
Description  Power system demonstration kit based on the PM6686 dual
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2937 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2937 Datasheet HTML 1Page - STMicroelectronics AN2937 Datasheet HTML 2Page - STMicroelectronics AN2937 Datasheet HTML 3Page - STMicroelectronics AN2937 Datasheet HTML 4Page - STMicroelectronics AN2937 Datasheet HTML 5Page - STMicroelectronics AN2937 Datasheet HTML 6Page - STMicroelectronics AN2937 Datasheet HTML 7Page - STMicroelectronics AN2937 Datasheet HTML 8Page - STMicroelectronics AN2937 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
August 2009
Doc ID 15418 Rev 1
1/41
AN2937
Application note
Power system demonstration kit based on the PM6686 dual
step-down controller with adjustable voltages and adjustable LDO
Introduction
The PM6686 is a dual step-down controller with adjustable output voltages, adjustable LDO
and charge pump circuit for notebook power systems. The PM6686 demonstration kit for
system supply represents a typical application circuit, and allows testing of all the functions
of the PM6686 device. It provides two switching sections with 5 V (OUT1) and 3.3 V (OUT2)
outputs from 8 V to 28 V input battery voltage. The operating switching frequency of the two
sections is 400 kHz and 300 kHz, respectively. Each switching section delivers more than 5
A of output current. An internal linear regulator can provide 5 V at 100 mA peak current. The
charge pump circuit provides an auxiliary 12 V output voltage.
Figure 1.
PM6686 demonstration kit for system supply
www.st.com


Similar Part No. - AN2937

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2933 STMICROELECTRONICS-AN2933 Datasheet
172Kb / 10P
Demo board user guidelines for the TS4999 filter-free stereo
27-Mar-2009
AN2934 STMICROELECTRONICS-AN2934 Datasheet
1Mb / 27P
The new VIPer17 device is a converter that offers a PWM controller built in BCD6
27-Sep-2012
AN2936 STMICROELECTRONICS-AN2936 Datasheet
307Kb / 10P
10 W SMPS with HV power MOSFET and the L6565
16-Mar-2009
AN2938 STMICROELECTRONICS-AN2938 Datasheet
1Mb / 39P
Power system demonstration kit based on the PM6686 dual
19-Jun-2009
More results

Similar Description - AN2937

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TDR029V1 STMICROELECTRONICS-STEVAL-TDR029V1 Datasheet
192Kb / 10P
RF power amplifier demonstration board based on the STAC2942B
03-Jun-2010
EVALKITST7580-1 STMICROELECTRONICS-EVALKITST7580-1 Datasheet
136Kb / 4P
ST7580 power line networking system-on-chip demonstration kit
15-Feb-2012
STEVAL-ISB012V1 STMICROELECTRONICS-STEVAL-ISB012V1 Datasheet
903Kb / 6P
Battery monitoring system demonstration board based on the STC3105
23-Nov-2011
AN2938 STMICROELECTRONICS-AN2938 Datasheet
1Mb / 39P
Power system demonstration kit based on the PM6686 dual
19-Jun-2009
UM1040 STMICROELECTRONICS-UM1040 Datasheet
896Kb / 19P
STEVAL-SPIMD20 demonstration kit based on the SPIMD20 integrated motor drive
21-Dec-2011
STEVAL-CBL003V1 STMICROELECTRONICS-STEVAL-CBL003V1 Datasheet
97Kb / 4P
LNB power supply demonstration board based on the LNBH23
September 2008 Rev 1
STEVAL-IPE010V1 STMICROELECTRONICS-STEVAL-IPE010V1 Datasheet
99Kb / 4P
Energy meter demonstration kit motherboard based on the STPMC1 and STPMS1
June 2010 Rev 1
STEVAL-IPE011V1 STMICROELECTRONICS-STEVAL-IPE011V1 Datasheet
94Kb / 4P
Energy meter demonstration kit daughterboard based on the STPMS1
June 2010 Rev 1
STEVAL-ISV021V1 STMICROELECTRONICS-STEVAL-ISV021V1 Datasheet
342Kb / 10P
Energy harvesting demonstration kit based on SPV1050
December 2015 Rev 3
STEVAL-IPE010V2 STMICROELECTRONICS-STEVAL-IPE010V2 Datasheet
186Kb / 4P
Energy meter demonstration kit motherboard based on the STPMC1
15-Feb-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com