Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2983 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2983
Description  Constant current inverse buck LED driver using L6562A
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2983 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2983 Datasheet HTML 7Page - STMicroelectronics AN2983 Datasheet HTML 8Page - STMicroelectronics AN2983 Datasheet HTML 9Page - STMicroelectronics AN2983 Datasheet HTML 10Page - STMicroelectronics AN2983 Datasheet HTML 11Page - STMicroelectronics AN2983 Datasheet HTML 12Page - STMicroelectronics AN2983 Datasheet HTML 13Page - STMicroelectronics AN2983 Datasheet HTML 14Page - STMicroelectronics AN2983 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AN2983
Circuit description
Doc ID 15679 Rev 1
11/32
If we consider the time at which the capacitor voltage crosses the 0.7 V threshold, the
equivalent toff time is 1.32 µS (+150 nS compared to the nominal value, due to the tolerance
of C8 and stray capacitance) while the remaining 250 nS are related to the propagation
delay (during which the voltage falls from 0.7 V to 0.44 V).
Figure 10.
toff delay (nominal)
2.4
Current setting
As already indicated, the CS pin of the L6562A controller is internally connected to the non-
inverting input of the CS comparator, whose threshold (Vth) is fixed to 1.08 V (nom.)
Tying it to the sense resistor forces the comparator’s output high when I_Led = Vth / RS.
This is a very simple way to detect – and limit – the peak load current to a fixed value.
In order to make this value adjustable, we can introduce an auxiliary voltage source (Va),
connected to the CS pin through a resistor (Ra) and another resistor (Rb) between CS and
the sense resistor, as indicated in Figure 11. In this way the auxiliary source can be used to
modify the threshold at which the (peak) load current triggers the comparator.
Figure 11.
Current setting
AM04261v1
Traces:
CH(4) green=I_LED;
CH(2) blue=V_C8;
CH(1) red=V_GD;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com