Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2983 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2983
Description  Constant current inverse buck LED driver using L6562A
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2983 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2983 Datasheet HTML 14Page - STMicroelectronics AN2983 Datasheet HTML 15Page - STMicroelectronics AN2983 Datasheet HTML 16Page - STMicroelectronics AN2983 Datasheet HTML 17Page - STMicroelectronics AN2983 Datasheet HTML 18Page - STMicroelectronics AN2983 Datasheet HTML 19Page - STMicroelectronics AN2983 Datasheet HTML 20Page - STMicroelectronics AN2983 Datasheet HTML 21Page - STMicroelectronics AN2983 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Circuit description
AN2983
18/32
Doc ID 15679 Rev 1
And then:
Equation 49
On the demonstration board several measures have been taken with Vin = 48 V, and
Rb = 1 k
Ω.
Figure 13
is the plot of the LED current as a function of the voltage on the LED string (VLed)
with Ra (actually R17 + R20) as a parameter.
Figure 13.
I_Led/VLed
2.6
Shutdown/dimming
The D_Dim input (pin 1 of the J1 connector) has a dual function.
●
Module enable
●
Digital (PWM) dimming
Forcing it low, or leaving it floating, enables the controller's normal activity (current sink),
while pulling it high (> 2.7 V) causes the module to shut down. Therefore, this input can be
used to switch the load on and off.
Figure 14
and Figure 15 highlight the turn-on and turn-off with an input voltage (Vin) of 48 V
and an equivalent output voltage (VLed) of 20 V. In these conditions, the rise and fall times
of the load current are lower than 10 µS.
Applying a square wave to this pin forces the module to 'work and stop' at the input signal
frequency; in this way the average load current can be modified by simply changing the duty
cycle of the PWM control.
Supposing a dimming frequency of 200 Hz is used, and taking into account the 10 µS of
rise/fall time of the LED current, we can estimate the minimum dimming as
(20 uS)*(200 Hz) = 0.4%.
Figure 16
, 17, 18, 19, and 20 show the LED current for different dimming factors between
1% and 99%.
(
)
() 170
10
*
985
.
0
10
*
68
.
1
Rb
Ra
6
4
=
=
⎟
⎠
⎞
⎜
⎝
⎛
−
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com