Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3108 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3108
Description  STLM75 firmware library for the STM32F10x
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3108 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3108 Datasheet HTML 2Page - STMicroelectronics AN3108 Datasheet HTML 3Page - STMicroelectronics AN3108 Datasheet HTML 4Page - STMicroelectronics AN3108 Datasheet HTML 5Page - STMicroelectronics AN3108 Datasheet HTML 6Page - STMicroelectronics AN3108 Datasheet HTML 7Page - STMicroelectronics AN3108 Datasheet HTML 8Page - STMicroelectronics AN3108 Datasheet HTML 9Page - STMicroelectronics AN3108 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
STLM75 temperature sensor
AN3108
6/44
Doc ID 16793 Rev 1
2
STLM75 temperature sensor
2.1
Sensor introduction
The STLM75 is a high-precision digital CMOS temperature sensor IC with a sigma-delta
temperature-to-digital converter and an I2C-compatible serial digital interface. It is targeted
at general applications such as personal computers, system thermal management,
electronics equipment, and industrial controllers, and is packaged in the industry standard
8-lead TSSOP and SO8 packages. The device contains a band-gap temperature sensor
and 9-bit ADC which monitor and digitize the temperature to a resolution up to 0.5 °C. The
STLM75 is typically accurate to ±3°C - max over the full temperature measurement range of
-55 °C to 125 °C with ±2 °C accuracy in the -25 °C to + 100 °C range (max). The STLM75 is
factory-calibrated and requires no external components to measure temperature.
Refer to the STLM75 (Digital temperature sensor and thermal watchdog) datasheet for more
information.
2.2
Interfacing the sensor with the microcontroller
The STLM75 has a simple 2-wire I2C-compatible digital serial interface which allows the
user to access the data in the temperature register at any time. It communicates via the
serial interface with a master controller which operates at speeds up to 400 kHz. Three pins
(A0, A1, and A2) are available for address selection, and enable the user to connect up to 8
devices on the same bus without address conflicts. In addition, the serial interface gives the
user easy access to all STLM75 registers to customize the operation of the device.
Figure 2 shows how the SMT32F10xxx microcontroller (master device) must be connected
to the STLM75 device.
Refer to the STLM75 datasheet for more information.
Figure 1.
Logic diagram
Note:
SDA and OS/INT are open drain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com