| Electronic Components Datasheet Search |
|
AN3108 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3108 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 44 page ![]() October 2010 Doc ID 16793 Rev 1 1/44 AN3108 Application note STLM75 firmware library for the STM32F10x Introduction This application note describes the firmware library implementing the STLM75 interface for the STM32F10xxx (STM32F101x, STM32F103x, STM32F105x, STM32F107x) microcontroller. This library is a firmware package which contains a collection of routines, data structures and macros covering the features of the STLM75 temperature sensor device. The firmware library allows the STLM75 sensor to be used in the user application without the need for an in-depth study of STLM75 registers and I2C read/write operation steps. As a result, using the firmware library saves significant time which would otherwise be spent in coding, while reducing the application development and integration costs. The firmware library source code is developed in 'Strict ANSI-C' (relaxed ANSI-C for the example application). Writing the whole library in 'Strict ANSI-C' makes it independent from the software toolchain. In addition, the firmware architecture is developed in separate layers and the HAL (hardware abstraction layer) makes it independent from the microcontroller used in the final application. Even though the firmware library source code is developed in 'ANSI-C', the code architecture follows an OOP (object oriented programming) approach. Section 1 describes document and library rules. Section 2 highlights the features of the STLM75 sensor and explains its hardware interface with a master device microcontroller (STM32 in this case). Section 3 and 4 highlight the features of the firmware library and describe its architecture and its exported APIs (application programming interfaces) in detail. Section 5 contains an example application source code describing how to configure and use the library. www.st.com |
Similar Part No. - AN3108 |
|
Similar Description - AN3108 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |