Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3115 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3115
Description  LNB power supply based on the LNBH23L supply and control IC with step-up and I²C interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3115 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3115 Datasheet HTML 18Page - STMicroelectronics AN3115 Datasheet HTML 19Page - STMicroelectronics AN3115 Datasheet HTML 20Page - STMicroelectronics AN3115 Datasheet HTML 21Page - STMicroelectronics AN3115 Datasheet HTML 22Page - STMicroelectronics AN3115 Datasheet HTML 23Page - STMicroelectronics AN3115 Datasheet HTML 24Page - STMicroelectronics AN3115 Datasheet HTML 25Page - STMicroelectronics AN3115 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Layout guidelines
AN3115
22/28
Doc ID 16830 Rev 3
3
Layout guidelines
Due to high current levels and fast switching waveforms, which radiate noise, a proper
printed circuit board (PCB) layout is essential. Sensitive analog grounds can be protected by
using a star ground configuration. Also, lead lengths should be minimized to reduce stray
capacitance, trace resistance, and radiated noise. Ground noise can be minimized by
connecting GND, the input bypass capacitor ground lead, and the output filter capacitor
ground lead to a single point (star ground configuration). Place input bypass capacitors (C1,
C2 and C8) as close as possible to VCC and GND, and the DC-DC output capacitors (C3,
C4 and C6) as close as possible to VUP. Excessive noise at the VCC input may falsely trigger
the undervoltage protection circuitry, resetting the I²C internal registers. If this occurs, the
registers are set to zero and the LNBH23L is put into shutdown mode.
An LNB power supply demonstration board is available.
3.1
PCB layout
Any switch-mode power supply requires a good PCB layout in order to achieve maximum
performance. Component placement, and GND trace routing and width, are the major
issues. Basic rules commonly used for DC-DC converters for good PCB layout should be
followed. All traces carrying current should be drawn on the PCB as short and as thick as
possible. This should be done to minimize resistive and inductive parasitic effects, and
increase system efficiency. White arrows indicate the suggested PCB (ring) ground plane to
avoid spikes on the output voltage (this is related to the switching side of the LNBH23L).
Good soldering of the ePad helps on this issue.
Figure 14.
PBC top layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com