Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3115 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN3115
Description  LNB power supply based on the LNBH23L supply and control IC with step-up and I²C interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3115 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN3115 Datasheet HTML 20Page - STMicroelectronics AN3115 Datasheet HTML 21Page - STMicroelectronics AN3115 Datasheet HTML 22Page - STMicroelectronics AN3115 Datasheet HTML 23Page - STMicroelectronics AN3115 Datasheet HTML 24Page - STMicroelectronics AN3115 Datasheet HTML 25Page - STMicroelectronics AN3115 Datasheet HTML 26Page - STMicroelectronics AN3115 Datasheet HTML 27Page - STMicroelectronics AN3115 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Startup procedure
AN3115
26/28
Doc ID 16830 Rev 3
4
Startup procedure
Testing the demonstration board requires a PC with a parallel port (ECP printer port), an I²C
bus interface, software (LNBxx control suite), a dual-output power supply (3 A clamp current
or higher) and an electronic load.
–
Step 1: Install the LNBxx control suite software (Software installation)
–
Step 2: Plug the I²C connector on CN3.
–
Step 3: Supply the demo-board through CN1.
–
Step 4: Manage the demo-board through LNBxx control suite software
Figure 18.
PCB connector
CN5
To supply LNB.
LNBOUT = V
OUT test
point.
CN1
To supply the demo-board.
(Typ. 12 V DC). Use a power
supply with a 3 A clamp current or
higher.
CN2
ADDR tip : Connect ADDR pin to ground to set
I2C address = 02.
CN3
I2C interface connections:
For data transmissions from I2C interface to the
LNBH23L and vice-versa. Care should be
taken to ensure proper connection of the I2C
interface.
+ 3.3 V Connector
To supply the PDC
circuit
CN5
To supply LNB.
LNBOUT = V
OUT test
point.
CN1
To supply the demo-board.
(Typ. 12 V DC). Use a power
supply with a 3 A clamp current or
higher.
CN2
ADDR tip : Connect ADDR pin to ground to set
I2C address = 02.
CN3
I2C interface connections:
For data transmissions from I2C interface to the
LNBH23L and vice-versa. Care should be
taken to ensure proper connection of the I2C
interface.
+ 3.3 V Connector
To supply the PDC
circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com