Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3118 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3118
Description  250 W transition-mode PFC pre-regulator with the new L6563H
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3118 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3118 Datasheet HTML 6Page - STMicroelectronics AN3118 Datasheet HTML 7Page - STMicroelectronics AN3118 Datasheet HTML 8Page - STMicroelectronics AN3118 Datasheet HTML 9Page - STMicroelectronics AN3118 Datasheet HTML 10Page - STMicroelectronics AN3118 Datasheet HTML 11Page - STMicroelectronics AN3118 Datasheet HTML 12Page - STMicroelectronics AN3118 Datasheet HTML 13Page - STMicroelectronics AN3118 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Test results and significant waveforms
AN3118
10/31
Doc ID 16847 Rev 2
4
Test results and significant waveforms
4.1
Harmonic content measurement
One of the main purposes of a PFC pre-conditioner is the correction of input current
distortion, decreasing the harmonic contents below the limits of the relevant regulations.
Therefore, this demonstration board has been tested according to the European standard
EN61000-3-2 Class-D and Japanese standard JEITA-MITI class-D, at full load and 70 W
output power, at both the nominal input voltage mains. As shown in the following images, the
circuit is able to reduce the harmonics well below the limits of both regulations from full load
down to light load. 70 W of output power has been chosen because it is almost the lowest
power limit at which the harmonics have to be limited according to the mentioned standards.
Measurements are given in Figure 3 to 6.
Figure 3.
EVL6563H-250W TM PFC
compliance to EN61000-3-2
standard at 250W
Figure 4.
EVL6563H-250W TM PFC
compliance to JEITA-MITI standard
at 250 W
Vin = 230 Vac - 50 Hz, Pout = 250 W, THD = 4.02 %, PF = 0.986
Vin = 100 Vac - 50 Hz, Pout = 250 W, THD = 3.65 %, PF = 0.999
Figure 5.
EVL6563H-250W TM PFC
compliance to EN61000-3-2
standard at 70 W
Figure 6.
EVL6563H-250W TM PFC
compliance to JEITA-MITI standard
at 70 W
Vin = 230 Vac - 50 Hz, Pout = 70 W, THD = 11.94 %, PF = 0.87
Vin = 100 Vac - 50 Hz, Pout = 70 W, THD = 5.46 %, PF = 0.995



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com