Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3118 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3118
Description  250 W transition-mode PFC pre-regulator with the new L6563H
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3118 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3118 Datasheet HTML 1Page - STMicroelectronics AN3118 Datasheet HTML 2Page - STMicroelectronics AN3118 Datasheet HTML 3Page - STMicroelectronics AN3118 Datasheet HTML 4Page - STMicroelectronics AN3118 Datasheet HTML 5Page - STMicroelectronics AN3118 Datasheet HTML 6Page - STMicroelectronics AN3118 Datasheet HTML 7Page - STMicroelectronics AN3118 Datasheet HTML 8Page - STMicroelectronics AN3118 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Main characteristics and circuit description
AN3118
4/31
Doc ID 16847 Rev 2
1
Main characteristics and circuit description
The main characteristics of the SMPS are listed below:
●
Line voltage range: 90 to 265 Vac
●
Line frequency (fL): 47 to 63 Hz
●
Regulated output voltage: 400 V
●
Rated output power: 250 W
●
Maximum 2fL output voltage ripple: 22 V pk-pk
●
Hold-up time: 10 ms (VDROP after hold-up time: 300 V)
●
Minimum switching frequency: 46 kHz
●
Minimum estimated efficiency: 93 % (@ Vin=90 Vac, Pout=250 W)
●
Maximum ambient temperature: 50 °C
●
PCB type and size: single side, 35 µm, CEM-1, 88 x 116 mm
This demonstration board implements a power factor correction (PFC) pre-regulator, 250 W
continuous power, delivering a regulated 400 V rail from a wide range mains voltage and
providing for the reduction of the mains harmonics, therefore meeting the European
EN61000-3-2 or the Japanese JEITA-MITI standard. The regulated output voltage is
typically the input for the cascaded isolated DC-DC converter that will provide the output
rails required by the load.
The power stage of the PFC is a conventional boost converter, connected to the output of
the D1 rectifier bridge. It is completed by the L2 coil, the D3 diode, and the C5 capacitor.
The boost switch is represented by the power Q1 and Q2 MOSFETs, connected in parallel.
The NTC R1 limits the inrush current at switch on. It is connected on the DC rail, in series to
the output electrolytic capacitor, in order to improve the efficiency during low line operation.
In fact the RMS current flowing into the output stage is lower than current flowing into the
input stage at the same input voltage. The board is equipped with an input EMI filter
necessary to filter the switching noise coming from the boost stage.
At startup the L6563H (U1) is powered by the Vcc electrolytic capacitor C9 which is charged
via High Voltage Start up (HVS) pin #9. The HVS pin, able to withstand 700V, is connected
directly to the rectified mains voltage. A 0.85 mA (typ.) internal current source charges the
C9 capacitor connected between Vcc pin #16 and GND pin #14 until the voltage on the Vcc
pin reaches the startup threshold. The L2 secondary winding and the charge pump circuit
(C6, R2, D4 and D5) generate the Vcc voltage, powering the L6563H during normal
operations. The L2 secondary winding is also connected to the L6563H pin #13 (ZCD)
through the R14 resistor. Its purpose is to supply the information which L2 has
demagnetized, needed by the internal logic to trigger a new switching cycle.
The divider R4, R8, R12 and R15 provides to the L6563H multiplier the information of the
instantaneous mains voltage that is used to modulate the peak current of the boost.
The R3, R6, R7 with R9 and R10 resistors are dedicated to sensing the output voltage and
feed to the L6563H the feedback information necessary to regulate the output voltage. The
C7, R13, and C10 components are the error amplifier compensation network necessary to
get the required loop stability.
The peak current is sensed by R23 and R24 resistors in series to the MOSFET and the
signal is fed into pin #4 (CS) of the L6563H via the filter by R20 and C14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com