Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3223 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3223
Description  Driver for double flash LED with I²C interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3223 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3223 Datasheet HTML 6Page - STMicroelectronics AN3223 Datasheet HTML 7Page - STMicroelectronics AN3223 Datasheet HTML 8Page - STMicroelectronics AN3223 Datasheet HTML 9Page - STMicroelectronics AN3223 Datasheet HTML 10Page - STMicroelectronics AN3223 Datasheet HTML 11Page - STMicroelectronics AN3223 Datasheet HTML 12Page - STMicroelectronics AN3223 Datasheet HTML 13Page - STMicroelectronics AN3223 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Internal registers
AN3223
10/29
Doc ID 17553 Rev 2
4
Internal registers
4.1
Accessing the internal registers
There are six internal registers in the STCF04 (which are the COMMAND, FLASH,
AUX_LED, STATUS, FEATURE, and TORCH registers). The STATUS register is read-only.
The COMMAND and FEATURE registers can be accessed in any operation mode. All the
other registers can be accessed in any mode, except in Shutdown, Shutdown + NTC, and
Monitoring mode. When the device enters Shutdown mode, the FLASH, AUX_LED,
STATUS, and TORCH registers are cleared. The COMMAND and FEATURE register values
remain untouched when entering Shutdown mode, however reading their value gives 0
when the bit PWR_ON = 0.
Table 2 shows the accessibility of each register in all operation
modes.
In other words, whenever the PWR_ON bit in the COMMAND register is set to zero, then
only the COMMAND and FEATURE registers can be accessed. It is necessary to set the
PWR_ON bit to 1 to access all the registers.
Table 2.
Accessibility of internal registers
Register
Address
Mode
Shutdown
value
Power-ON
reset value
Shutdown and
Monitoring
Idle, Charging, Flash,
Torch and AUX LED
COMMAND
00
Read / Write
Read / Write
Untouched
Cleared
FLASH
01
Inaccessible
Read / Write
Cleared
Cleared
AUX_LED
02
Inaccessible
Read / Write
Cleared
Cleared
STATUS
03
Inaccessible
Read only
Cleared
Cleared
FEATURE
04
Read / Write
Read / Write
Untouched
Cleared
TORCH
05
Inaccessible
Read / Write
Cleared
Cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com