Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3223 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3223
Description  Driver for double flash LED with I²C interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3223 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3223 Datasheet HTML 10Page - STMicroelectronics AN3223 Datasheet HTML 11Page - STMicroelectronics AN3223 Datasheet HTML 12Page - STMicroelectronics AN3223 Datasheet HTML 13Page - STMicroelectronics AN3223 Datasheet HTML 14Page - STMicroelectronics AN3223 Datasheet HTML 15Page - STMicroelectronics AN3223 Datasheet HTML 16Page - STMicroelectronics AN3223 Datasheet HTML 17Page - STMicroelectronics AN3223 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Operation modes
AN3223
14/29
Doc ID 17553 Rev 2
The FLASH register value must also be set.
The activation of Flash mode requires the FLASH pin to be high. Flash mode is active only
when the FLASH_ON bit in the COMMAND register is set to 1 and the FLASH pin is high.
This gives the user the possibility to choose between a soft and a hard triggering of the
Flash mode.
Soft triggering is done by writing data to the internal registers only, while the FLASH pin is
permanently kept high, e.g. by connecting it to VBAT. This saves one pin of the
microcontroller, which can be used for a different purpose, but this way of triggering is less
accurate than the hard one. The second disadvantage of this solution is that the FLASH
duration can only be set in discrete steps of the internal timer.
Hard triggering of the Flash mode requires the microcontroller to manage the FLASH pin.
The COMMAND and the FLASH registers are loaded with data before the FLASH pin is set
to high. This allows the user to avoid the I²C bus latency. Flash mode then starts as soon as
the FLASH pin is set to high. It takes typically about 0.3 ms to ramp up the LED current to
the adjusted value. When the FLASH pin is kept high long enough, the internal timer
reaches zero and the Flash mode is over. As soon as the FLASH is timed out, the ATN pin is
pulled down for 11 µs to inform the microcontroller that the STATUS register was updated
and that the FLASH is over. If the FLASH pin is set to low before the internal timer reaches
zero, Flash mode is interrupted and can be restarted by setting the FLASH pin to high again.
The internal timer is stopped while the FLASH pin is low. This means that the user can split
the FLASH into several pulses of a total length equal to the FTIM value.
Figure 7 shows the
case for FTIM = 17 (130 ms FLASH time). The cumulative time when the FLASH pin is high
is 150 ms (5 pulses 30 ms long), but the last FLASH pulse is only 10 ms long. The reason is
that the internal FLASH timer reaches zero and the FLASH_ON bit is set to 0.
Table 10.
COMMAND register data for entering Flash mode
CMD_REG
PWR_ON FLASH_ON
TCH_ON
NTC_ON
TCHV_H
CHRG
MONTR
N/A
1
1
0
xxxx
0
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com