Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3329 Datasheet(PDF) 15 Page - STMicroelectronics

Part # AN3329
Description  This application note describes the characteristics and features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3329 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN3329 Datasheet HTML 11Page - STMicroelectronics AN3329 Datasheet HTML 12Page - STMicroelectronics AN3329 Datasheet HTML 13Page - STMicroelectronics AN3329 Datasheet HTML 14Page - STMicroelectronics AN3329 Datasheet HTML 15Page - STMicroelectronics AN3329 Datasheet HTML 16Page - STMicroelectronics AN3329 Datasheet HTML 17Page - STMicroelectronics AN3329 Datasheet HTML 18Page - STMicroelectronics AN3329 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
AN3329
Functional check
Doc ID 18376 Rev 1
15/47
Figure 19 and Figure 20 illustrate the waveforms during light load operation. Viper27LN
operates in burst-mode, with just a few pulses per burst, minimizing switching losses and
therefore improving efficiency under light load operation, making it suitable for equipment
with low standby consumption requirements.
Figure 21 shows the OVP response, observed opening the Viper27LN feedback loop. If the
output voltage value exceeds the internal threshold set by the resistor divider connected to
the CONT pin (#3), the Viper27LN stops working, providing protection against dangerous
voltages which may damage the system. It remains latched until the VDD has dropped down
to VDD_RESTART (4.5 V). At this point the auto-restart process takes place like any startup;
the internal current source charges the VDD capacitor until it reaches the VDDon threshold
Figure 19.
Standby supply burst mode
operation at 230 Vac - 50 Hz - 10 mA
load
Figure 20.
Standby supply burst mode
operation at 230 Vac - 50 Hz - 10 mA
load-detail
CH1: DRAIN (pin #8)
CH2: VDD (pin #2)
CH3: +5 V standby
CH4: FB (pin #4)
CH1: DRAIN (pin #8)
CH2: VDD (pin #2)
CH3: +5 V standby
CH4: FB (pin #4)
Figure 21.
Standby supply OVP at 115 Vac -
60 Hz, full load
Figure 22.
Standby supply OVP at 230 Vac -
50 Hz - 0.5 A
CH1: DRAIN (pin #8)
CH2: +5 V standby
CH3: CONT (pin #3)
CH4: FB (pin #4)
CH1: DRAIN (pin #8)
CH2: VDD (pin #2)
CH3: +5 V standby



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com